Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9931EUA+T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9931EUA+T
Description  2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9931EUA+T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9931EUA+T Datasheet HTML 7Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 8Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 9Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 10Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 11Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 12Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 13Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 14Page - Maxim Integrated Products MAX9931EUA+T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Detailed Description
The MAX9930–MAX9933 family of logarithmic ampli-
fiers (log amps) comprises four main amplifier/limiter
stages each with a small-signal gain of 10dB. The out-
put stage of each amplifier is applied to a full-wave rec-
tifier (detector). A detector stage also precedes the first
gain stage. In total, five detectors, each separated by
10dB, comprise the log amp strip. Figure 1 shows the
functional diagram of the log amps.
A portion of the PA output power is coupled to RFIN of
the logarithmic amplifier controller/detector, and is
applied to the logarithmic amplifier strip. Each detector
cell outputs a rectified current and all cell currents are
summed and form a logarithmic output. The detected
output is applied to a high-gain gm stage, which is
buffered and then applied to OUT. For the
MAX9930/MAX9931/MAX9932, OUT is applied to the
gain-control input of the PA to close the control loop.
The voltage applied to SET determines the output
power of the PA in the control loop. The voltage applied
to SET relates to an input power level determined by
the log amp detector characteristics. For the MAX9933,
OUT is applied to an ADC typically found in a base-
band IC which, in turn, controls the PA biasing with the
output (Figure 2).
Extrapolating a straight-line fit of the graph of SET vs.
RFIN provides the logarithmic intercept. Logarithmic
slope, the amount SET changes for each dB change of
RF input, is generally independent of waveform or termi-
nation impedance. The MAX9930/MAX9931/MAX9932
slope at low frequencies is about 25mV/dB.
Variance in temperature and supply voltage does not
alter the slope significantly as shown in the
Typical
Operating Characteristics.
The MAX9930/MAX9931/MAX9932 are specifically
designed for use in PA control applications. In a control
loop, the output starts at approximately 2.9V (with supply
voltage of 3V) for the minimum input signal and falls to a
value close to ground at the maximum input. With a por-
tion of the PA output power coupled to RFIN, apply a volt-
age to SET (for the MAX9930/MAX9931/MAX9932) and
connect OUT to the gain-control pin of the PA to control
its output power. An external capacitor from CLPF to
ground sets the bandwidth of the PA control loop.
Transfer Function
Logarithmic slope and intercept determine the transfer
function of the MAX9930–MAX9933 family of log amps.
The change in SET voltage (OUT voltage for the
MAX9933) per dB change in RF input defines the loga-
rithmic slope. Therefore, a 10dB change in RF input
results in a 250mV change at SET (OUT for the
MAX9933). The Log Conformance vs. Input Power plots
(see
Typical Operating Characteristics) show the dynam-
ic range of the log amp family. Dynamic range is the
range for which the error remains within a band of ±1dB.
The intercept is defined as the point where the linear
response, when extrapolated, intersects the y-axis of
the Log Conformance vs. Input Power plot. Using these
parameters, the input power can be calculated at any SET
voltage level (OUT voltage level for the MAX9933) within
the specified input range with the following equations:
RFIN = (SET / SLOPE) + IP
(MAX9930/MAX9931/MAX9932)
RFIN = (OUT / SLOPE) + IP
(MAX9933)
where SET is the set-point voltage, OUT is the output
voltage for the MAX9933, SLOPE is the logarithmic slope
(V/dB), RFIN is in either dBm or dBV and IP is the loga-
rithmic intercept point utilizing the same units as RFIN.
______________________________________________________________________________________
11
VCC
OUT
N.C.
GND
CCLPF
50Ω
50Ω
RFIN
SHDN
CLPF
GND
DAC
ADC
0.01µF
CC
XX
VCC
PA
BASEBAND
IC
TRANSMITTER
MAX9933
Figure 2. MAX9933 Typical Application Circuit
2MHz to 1.6GHz 45dB RF-Detecting
Controllers and RF Detector
______________________________________________________________________________________
11


Similar Part No. - MAX9931EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9931EUA+T MAXIM-MAX9931EUA+T Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9931EUA+T MAXIM-MAX9931EUA+T Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
More results

Similar Description - MAX9931EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930 Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
MAX4003 MAXIM-MAX4003 Datasheet
415Kb / 12P
   100MHz to 2500MHz, 45dB RF Detector in a UCSP
Rev 1; 3/03
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com