Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDVR083V3UA Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDVR083V3UA
Description  SMD ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR083V3UA Datasheet(HTML) 1 Page - Comchip Technology

  CPDVR083V3UA Datasheet HTML 1Page - Comchip Technology CPDVR083V3UA Datasheet HTML 2Page - Comchip Technology CPDVR083V3UA Datasheet HTML 3Page - Comchip Technology CPDVR083V3UA Datasheet HTML 4Page - Comchip Technology CPDVR083V3UA Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD ESD Protection Diode
SMD Diodes Specialist
Page 1
Comchip Technology CO., LTD.
CPDVR083V3UA
RoHS Device
Features
IEC61000-4-2 (ESD)
kV(Contact),±20kV(Air).
Working voltage: 3.3V
Low leakage current.
Low operating and clamping voltages.
Mechanical data
Case: SOT-383F standard package,molded plastic.
Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
Mounting position: Any
Circuit Diagram
Package
±15
1
2
3
4
SOT-383F(VR8)
0.086(2.20)
0.079(2.00)
0.067(1.70)
0.059(1.50)
0.024(0.60)
0.018(0.45)
0.012(0.30) Typ.
8
7
6
5
GND
0.059(1.50)Typ.
0.008(0.20) Typ.
5
6
7
8
4
3
2
1
GND
REV:A
QW-A7029
Dimensions in inches and (millimeters)
0.014(0.35) Typ.


Similar Part No. - CPDVR083V3UA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDVR083V3UA-HF COMCHIP-CPDVR083V3UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
More results

Similar Description - CPDVR083V3UA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com