Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

203219B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 203219B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

203219B Datasheet(HTML) 4 Page - Integrated Technology Future

  203219B Datasheet HTML 1Page - Integrated Technology Future 203219B Datasheet HTML 2Page - Integrated Technology Future 203219B Datasheet HTML 3Page - Integrated Technology Future 203219B Datasheet HTML 4Page - Integrated Technology Future 203219B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 203219B
Part No.
203219B
6. Typical Performance ( at +25℃ )
CH1
S21
LOG
9.88 dB/
REF -25.22 dB
CENTER
65. 000 000 MHz
SPAN
52. 000 000 MHz
Cor
6 May 2004 14:08:23
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
20. 652050
MHz
cent :
64. 984673
MHz
Q: 3. 1466
1_loss : -25 . 683 dB
CH1
S21
LOG
1 dB/
REF -25.39 dB
Cor
CH2
S21
DEL
100 ns/
REF 3.145 us
CENTER
65. 000 000 MHz
SPAN
24. 000 000 MHz
Cor
Smo
6 May 2004 14:09:40
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
19. 677741
MHz
cent :
65. 008621
MHz
Q: 3. 3037
1_loss : -25 . 741 dB
2
3
3: 7. 0572 ns
18. 750 000 MHz
REF=2
CH2 Markers
mean : 3. 1556 us
s. dev : 5. 9180 ns
p-p : 29. 119 ns
Rev. Date
2004-05-06
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI2012-CS03
4/5


Similar Part No. - 203219B

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
203219 ERNI-203219 Datasheet
42Kb / 2P
   MOD JACK - MJIM
More results

Similar Description - 203219B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com