Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

205206B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 205206B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

205206B Datasheet(HTML) 5 Page - Integrated Technology Future

  205206B Datasheet HTML 1Page - Integrated Technology Future 205206B Datasheet HTML 2Page - Integrated Technology Future 205206B Datasheet HTML 3Page - Integrated Technology Future 205206B Datasheet HTML 4Page - Integrated Technology Future 205206B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 205206B
Part No.
205206B
CH2
CH1
S21
LOG
10 dB/
REF -21.94 dB
START
. 010 000 MHz
STOP 300 . 000 000 MHz
205206B
26 Apr 2004 16:39:38
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -48 . 039 dB
65. 0000 MHz
3: -34 . 944 dB
130 . 000 MHz
S21
LOG
1 dB/
REF -21.08 dB
CENTER
65. 000 000 MHz
SPAN
30. 000 000 MHz
5206B
Cor
Rev. Date
2004-04-27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI2017-CS03
5/5
20
CH4
S21
LOG
1 dB/
REF -21.18 dB
Cor
26 Apr 2004 16:37:47
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW:
19. 238702
MHz
cent :
65. 135838
MHz
Q: 3. 3857
1_loss : -21 . 102 dB
4
2
3
3: . 28470
dB
18. 750 000 MHz
REF=2
CH4 Markers
mean : -21 . 071 dB
s. dev : . 13660
dB
p-p : . 83630
dB
CH1
S11
SWR
10 /
REF 0
CENTER
65. 000 000 MHz
SPAN
60. 000 000 MHz
5206B
Cor
20
CH3
SWR
10 /
REF 0
Cor
S22
26 Apr 2004 16:38:29
1
1: 2. 5570
65. 000 000 MHz
2
2: 7. 4844
65. 000 000 MHz
CH1
S11
1 U FS
CENTER
65. 000 000 MHz
SPAN
60. 000 000 MHz
205206B
Cor
CH3
S22
1 U FS
Cor
26 Apr 2004 16:38:07
1
1: 99. 602
-47 . 527
51. 519 pF
65. 000 000 MHz
2
2: 15. 961
57. 645
141 . 14 nH
65. 000 000 MHz


Similar Part No. - 205206B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
205206-3 MACOM-205206-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205206-3 MACOM-205206-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205206-8 MACOM-205206-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205206-8 MACOM-205206-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
205206-9 MACOM-205206-9 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
More results

Similar Description - 205206B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com