Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9972 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9972
Description  Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9972 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9972 Datasheet HTML 3Page - Maxim Integrated Products MAX9972 Datasheet HTML 4Page - Maxim Integrated Products MAX9972 Datasheet HTML 5Page - Maxim Integrated Products MAX9972 Datasheet HTML 6Page - Maxim Integrated Products MAX9972 Datasheet HTML 7Page - Maxim Integrated Products MAX9972 Datasheet HTML 8Page - Maxim Integrated Products MAX9972 Datasheet HTML 9Page - Maxim Integrated Products MAX9972 Datasheet HTML 10Page - Maxim Integrated Products MAX9972 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Quad, Ultra-Low-Power, 300Mbps ATE
Drivers/Comparators
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +8V, VSS = -5V, VL = +3V, VCOMPHI = +1V, VCOMPLO = 0V, VLDV_ = 0V, LOAD EN LOW = LOAD EN HIGH = 0, TJ = +75°C.
All temperature coefficients measured at TJ = +50°C to +100°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE REFERENCE INPUTS (DHV_, DTV_, DLV_, DATA_, RCV_, CHV_, CLV_, LDV_, COMPHI, COMPLO)
Input Bias Current
±100
µA
Input Bias Current Temperature
Coefficient
±200
nA/°C
Settling to Output
0.1% of full-scale step
10
µs
DIGITAL INPUTS (DATA_, RCV_, LD, DIN, SCLK, CS)
Input High Voltage
(Note 21)
VL / 2 +
0.2
+3.6
V
Input Low Voltage
(Note 21)
-0.3
VL / 2 -
0.2
V
Input Bias Current
100
µA
SERIAL DATA OUTPUT (DOUT)
Output High Voltage
IOH = -1mA
VL
- 0.4
VL
V
Output Low Voltage
IOL = 1mA
0
+0.4
V
Output Rise and Fall Time
CL = 10pF
1.1
ns
SCLK to DOUT Delay
CL = 10pF
tDH
tSCLK -
tDS
- 2ns
ns
SERIAL-INTERFACE TIMING (Note 22)
SCLK Frequency
50
MHz
SCLK Pulse-Width High
tCH
10
ns
SCLK Pulse-Width Low
tCL
10
ns
CS Low to SCLK High Setup
tCSS0
3.5
ns
SCLK High to CS Low Hold
tCSH0
0ns
CS High to SCLK High Setup
tCSS1
3.5
ns
SCLK High to CS High Hold
tCSH1
15
ns
DIN to SCLK High Setup
tDS
3.5
ns
DIN to SCLK High Hold
tDH
1ns
CS High to LOAD Low Setup
tCLL
6ns
LD Low Hold Time
tLDW
5ns
LD High to Any Activity
0ns
VL Rising to CS Low
Power-on delay
2
µs
TEMP SENSOR
Nominal Voltage
TJ = +27°C
3.00
V
Temperature Coefficient
+10
mV/°C
Output Resistance
500
Ω


Similar Part No. - MAX9972

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9972 MAXIM-MAX9972 Datasheet
431Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
MAX9972 MAXIM-MAX9972 Datasheet
407Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 9; 10/11
MAX9972ACCS MAXIM-MAX9972ACCS Datasheet
431Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
MAX9972 MAXIM-MAX9972_11 Datasheet
431Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
MAX9972_1110 MAXIM-MAX9972_1110 Datasheet
407Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 9; 10/11
More results

Similar Description - MAX9972

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9972_1110 MAXIM-MAX9972_1110 Datasheet
407Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators
Rev 9; 10/11
MAX9972 MAXIM-MAX9972_11 Datasheet
431Kb / 22P
   Quad, Ultra-Low-Power, 300Mbps ATE Drivers/Comparators Integrated PMU Switches
Rev 6; 3/11
MAX19005 MAXIM-MAX19005 Datasheet
2Mb / 25P
   Quad, Ultra-Low-Power, 200Mbps ATE Drivers/Comparators
19-6092; Rev 0; 12/11
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
   Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
MAX9963 MAXIM-MAX9963 Datasheet
744Kb / 25P
   Quad, Low-Power, 500Mbps ATE Driver/Comparator
Rev 1; 1/04
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
   Low power quad voltage comparators
ver.07
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
STMicroelectronics
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
   Low-power quad voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com