Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14802CCM+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14802CCM+
Description  Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14802CCM+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14802CCM+ Datasheet HTML 2Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 3Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 4Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 5Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 6Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 7Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 8Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 9Page - Maxim Integrated Products MAX14802CCM+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Low-Charge Injection, 16-Channel,
High-Voltage Analog Switches
6
_______________________________________________________________________________________
ON-RESISTANCE vs.
ANALOG SIGNAL VOLTAGE
VCOM (V)
100
50
0
-50
-100
20
40
60
80
100
120
140
160
180
0
-150
150
VPP = +160V, VNN = -40V
VPP = +40V, VNN = -160V
VPP = +100V, VNN = -100V
ON-RESISTANCE vs.
ANALOG SIGNAL VOLTAGE
VCOM (
Ω)
-50
0
50
20
40
60
80
100
120
140
160
0
-100
100
VPP = +100V, VNN = -100V
TA = +25
°C
TA = +70
°C
TA = 0
°C
TURN-ON/TURN-OFF TIME vs.
ANALOG SIGNAL VOLTAGE
VNO (V)
60
30
0
-60
-30
1
2
3
4
5
0
-90
90
tOFF
tON
OFF-ISOLATION vs. FREQUENCY
FREQUENCY (MHz)
10
0.01
1
0.1
-60
-40
-20
0
-80
0.001
100
TA = +25
°C
TA = +70
°C
TA = 0
°C
LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
40
20
60
10
50
30
2.5
3.0
3.5
4.0
4.5
5.0
2.0
070
ICOM_(ON) (VCOM = +90V)
ICOM_(ON) (VCOM = -90V)
ICOM_(OFF) (VCOM = -90V)
ICOM_(OFF) (VCOM = +90V)
ICOM_(OFF) (VCOM = 0)
ICOM_(ON) (VCOM = 0)
LOGIC SUPPLY CURRENT vs.
SUPPLY VOLTAGE
VDD SUPPLY VOLTAGE (V)
4.7
5.1
4.3
3.1
3.5
3.9
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
2.7
5.5
TA = +25
°C
TA = +70
°C
TA = 0
°C
HIGH-VOLTAGE SUPPLY CURRENT vs.
TEMPERATURE
TEMPERATURE (
°C)
30
10
60
20
40
50
0.05
0.10
0.15
0.20
0
070
IPP
VPP = +100V
VNN = -100V
INN
LOGIC SUPPLY CURRENT vs.
SERIAL-CLOCK FREQUENCY
CLK SERIAL-CLOCK FREQUENCY (MHz)
8
26
4
100
50
150
200
250
0
010
TA = +25
°C
TA = +70
°C
TA = 0
°C
HIGH-VOLTAGE SUPPLY CURRENT vs.
SWITCHING FREQUENCY
SWITCHING FREQUENCY (kHz)
40
10
30
20
2
4
6
8
0
050
IPP
ALL SWITCHES SWITCHING
TA = +25
°C
INN
Typical Operating Characteristics
(VDD = +3V, VPP = +100V, VNN = -100V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX14802CCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
More results

Similar Description - MAX14802CCM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220_07 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
logo
Supertex, Inc
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601_V01 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com