Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

202150B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 202150B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

202150B Datasheet(HTML) 5 Page - Integrated Technology Future

  202150B Datasheet HTML 1Page - Integrated Technology Future 202150B Datasheet HTML 2Page - Integrated Technology Future 202150B Datasheet HTML 3Page - Integrated Technology Future 202150B Datasheet HTML 4Page - Integrated Technology Future 202150B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 202150B
Part No.
202150B
CH2
CH1
S21
LOG
10 dB/
REF -27.71 dB
START
. 010 000 MHz
STOP 400 . 000 000 MHz
PRm
2 Apr 2004 05:23:21
Rev. Date
2004-04-07
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NI2032-CS05
5/5
S21
LOG
1 dB/
REF -23.2 dB
Cor
PRm
CH4
S21
LOG
1 dB/
REF -23.2 dB
CENTER
69. 990 000 MHz
SPAN
2. 000 000 MHz
Cor
2 Apr 2004 05:21:14
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
2: . 67860
dB
1. 200 000 MHz
REF=1
CH2 Markers
BW:
1. 267940
MHz
cent :
70. 005511
MHz
Q: 55. 212
1_loss : -23 . 485 dB
4
1
2
3
REF=3
CH4 Markers
mean : -23 . 422 dB
s. dev : . 12570
dB
p-p : . 90430
dB
CH1
S11
SWR
500 m /
REF 1
Cor
PRm
CH3
S22
SWR
500 m /
REF 1
CENTER
69. 990 000 MHz
SPAN
4. 000 000 MHz
Cor
2 Apr 2004 05:22:20
1
1: 1. 3999
69. 990 000 MHz
1
1: 2. 8544
70. 000 000 MHz
CH1
S11
1 U FS
CENTER
69. 990 000 MHz
SPAN
4. 000 000 MHz
Cor
PRm
CH3
S22
1 U FS
Cor
2 Apr 2004 05:22:26
1
1: 57. 596
-16 . 477
138 . 01 pF
69. 990 000 MHz
1
1: 72. 391
-62 . 207
36. 550 pF
70. 000 000 MHz


Similar Part No. - 202150B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
20215 DBLECTRO-20215 Datasheet
202Kb / 1P
   20 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly, must be external
logo
Integrated Technology F...
202153B ITF-202153B Datasheet
195Kb / 5P
   SAW Bandpass Filter
202154B ITF-202154B Datasheet
199Kb / 5P
   SAW Bandpass Filter
202155B ITF-202155B Datasheet
198Kb / 5P
   SAW Bandpass Filter
202156B ITF-202156B Datasheet
199Kb / 5P
   SAW Bandpass Filter
More results

Similar Description - 202150B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com