Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16824 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16824
Description  High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16824 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16824_09 Datasheet HTML 5Page - Maxim Integrated Products MAX16824_09 Datasheet HTML 6Page - Maxim Integrated Products MAX16824_09 Datasheet HTML 7Page - Maxim Integrated Products MAX16824_09 Datasheet HTML 8Page - Maxim Integrated Products MAX16824_09 Datasheet HTML 9Page - Maxim Integrated Products MAX16824_09 Datasheet HTML 10Page - Maxim Integrated Products MAX16824_09 Datasheet HTML 11Page - Maxim Integrated Products MAX16824_09 Datasheet HTML 12Page - Maxim Integrated Products MAX16824_09 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
On-board pass elements minimize the need for external
components while providing ±5% LED current accura-
cy. Additional features include a +5V (±5%) regulated
output with 4mA output current capability and thermal
protection.
The MAX16824/MAX16825 use a feedback loop to lin-
early control the current at each output. The voltage
across each sense resistor is regulated to 200mV by
the internal feedback loop. The output current is set by
selecting the value of RCS.
+5V Regulator (REG)
The MAX16824/MAX16825 include a fixed +5V output
regulator that delivers up to 4mA of load current for
auxiliary low power applications throughout the 6.5V to
28V input voltage range. Connect a 1µF compensation
capacitor from REG to ground.
Thermal Protection
The MAX16824/MAX16825 enter a thermal shutdown
mode in the event of overheating. When the junction
temperature exceeds TJ = +165°C, the internal thermal
protection circuit turns off the series pass elements.
The MAX16824/MAX16825 recover from thermal shut-
down mode when the junction temperature drops by
23°C. The thermal protection does not operate if the
regulator (REG) is in a short-circuit condition.
4-Wire Serial Interface (MAX16825)
The MAX16825 features a 4-wire serial interface (DIN,
CLK, LE, OE) and a data output (DOUT) that allows the
use of a microcontroller to write brightness data to the
MAX16825. The serial-interface data word length is 3
bits (D0, D1, D2). The functions of the interface inputs
are as follows: DIN is the serial-data input, which must
be stable when it is sampled by the MAX16825 on the
rising edge of CLK. Data shifts in with the MSB first.
This means that data bit D2 is clocked in first, followed
by 2 more data bits (D1 and finishing with the LSB D0).
CLK is the serial-clock input, which shifts data at DIN
into the MAX16825’s 3-bit shift register on the rising
edge. LE is the latch-enable input that allows the trans-
fer of data from the MAX16825’s 3-bit shift register to its
3-bit latch when LE is high (transparent latch) and
latches the data on the falling edge of LE (Figure 4).
Output enable (OE) provides simultaneous control of
the output drivers. Driving OE high places outputs
OUT1, OUT2, and OUT3 into a high-impedance mode
without altering the contents of the output latches.
Driving OE low allows outputs OUT1, OUT2, and OUT3
to follow the state of the output latches.
OE is independent of the operation of the serial inter-
face. Data can be shifted into the serial-interface shift
register and latched regardless of the state of OE.
DOUT is the serial-data output that shifts data out from
the MAX16825’s 3-bit shift register on the rising edge of
CLK. Data at DIN propagates through the shift register
and appears at DOUT three clock cycles later.
Applications Information
Programming the LED Current
The MAX16824/MAX16825 use sense resistors to set the
output current in each channel. To set the LED current
for a particular channel, connect a sense resistor across
the corresponding current-sense input (CS_) and GND.
For better performance, connect the low side of the cur-
rent-sense resistors to the IC’s ground terminal and the
high side to the CS_ terminal with short traces. The value
of the sense resistor for a given desired current is calcu-
lated with the following equation:
where VCS_ is 200mV and IOUT_ is ILED (see the
Electrical Characteristics table).
LED Supply Voltage Considerations
For proper operation, the minimum LED supply voltage
(applied between the LED string anode and ground)
must always be:
where VCS_ is the voltage drop across the sense resis-
tor RCS_, VFT(MAX) is the total forward voltage of all
series connected LEDs and
ΔVDO is the maximum
dropout voltage of the regulator.
Pulse-Width Dimming (MAX16824)
The MAX16824 includes pulsed-width current dimming
inputs (PWM_) to control the LED brightness. An appli-
cation of up to 5kHz signal or less is recommended at
PWM_ input for proper operation. PWM_ also functions
as an active-high enable input for each output channel.
A logic-low at PWM_ turns off OUT_ and a logic-high
turns on OUT_.
Pulse-Width Dimming (MAX16825)
The MAX16825 provides three methods of pulsed-width
current dimming.
One method of pulse dimming the output channels is to
drive OE low while latching a different set of three bits
VV
V
V
LED MIN
CS
FT MAX
DO
()
_
(
)
≥+
+ Δ
R
VV
IA
CS
CS
OUT
_
_
_
()
()
()
Ω=
High-Voltage, Three-Channel Linear
High-Brightness LED Drivers
_______________________________________________________________________________________
9


Similar Part No. - MAX16824_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16824 MAXIM-MAX16824_08 Datasheet
211Kb / 15P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
More results

Similar Description - MAX16824_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16824 MAXIM-MAX16824 Datasheet
210Kb / 14P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 0; 11/07
MAX16824 MAXIM-MAX16824_08 Datasheet
211Kb / 15P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16824 MAXIM-MAX16824_13 Datasheet
206Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 3; 1/13
MAX16815 MAXIM-MAX16815 Datasheet
198Kb / 11P
   High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Rev 1; 7/09
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com