Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

232951B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 232951B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

232951B Datasheet(HTML) 2 Page - Integrated Technology Future

  232951B Datasheet HTML 1Page - Integrated Technology Future 232951B Datasheet HTML 2Page - Integrated Technology Future 232951B Datasheet HTML 3Page - Integrated Technology Future 232951B Datasheet HTML 4Page - Integrated Technology Future 232951B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SAW Bandpass Filter 232951B
Part No.
232951B
Rev. Date
2005-11-09
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ5006-CS01
2/5
3. Specifications
Fo = 75 MHz
Terminating source impedance
: 50
Ω and matching network
Terminating load impedance
: 50
Ω and matching network
Operating temperature range :
-25℃ ~ +75℃
Minimum
Typical
Maximum
Center Frequency
MHz
74.6
75.0
75.4
Insertion Loss
dB
-
21.5
24.0
1dB Bandwidth
MHz
28.0
28.6
-
3dB Bandwidth
MHz
-
29.9
-
40dB Bandwidth
MHz
-
34.8
35.5
Amplitude Ripple (Fo +/- 13.5 MHz)
dB
-
0.75
1.0
Group Delay Variation (Fo +/- 13.5 MHz)
nsec
-
25
50
Absolute Delay
usec
-
0.68
-
Relative Attenuation
0.0 ~
57.0 MHz
93.5 ~ 115.0 MHz
115.0 ~ 265.0 MHz
265.0 ~ 500.0 MHz
dB
dB
dB
dB
40
35
25
40
45
38
30
45
-
Temperature Coefficient of Frequency
ppm/°C
-
-86
-
Room temperature
: + 25 ℃
Minimum
Typical
Maximum
Center Frequency
MHz
74.9
75.0
75.1
Insertion Loss
dB
21.5
23.5
Amplitude Ripple (Fo +/- 13.75 MHz)
dB
-
0.75
1.0
Group Delay Variation (Fo +/- 13.75 MHz)
nsec
-
25
50


Similar Part No. - 232951B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
232952B ITF-232952B Datasheet
200Kb / 5P
   SAW Bandpass Filter
logo
TE Connectivity Ltd
2329540 TEC-2329540 Datasheet
561Kb / 9P
   Waterproof Signal Double Lock Connector System
2329542 TEC-2329542 Datasheet
561Kb / 9P
   Waterproof Signal Double Lock Connector System
2329543 TEC-2329543 Datasheet
561Kb / 9P
   Waterproof Signal Double Lock Connector System
2329544 TEC-2329544 Datasheet
561Kb / 9P
   Waterproof Signal Double Lock Connector System
More results

Similar Description - 232951B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com