Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

220751B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 220751B
Description  Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

220751B Datasheet(HTML) 4 Page - Integrated Technology Future

  220751B Datasheet HTML 1Page - Integrated Technology Future 220751B Datasheet HTML 2Page - Integrated Technology Future 220751B Datasheet HTML 3Page - Integrated Technology Future 220751B Datasheet HTML 4Page - Integrated Technology Future 220751B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bandpass Filter 220751B
Part No.
220751B
Rev. Date
2007-05-04
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ7006-AS01
4/5
CH1
S21
LOG
10 dB/
REF -9.2 dB
CENTER
62. 500 000 MHz
SPAN
40. 000 000 MHz
Cor
6 Feb 2007 23:08:22
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
10. 235664
MHz
cent :
62. 988633
MHz
Q: 6. 1538
1_loss : -9 . 5245 dB
CH2
S21
LOG
1 dB/
REF -9.2 dB
CENTER
62. 500 000 MHz
SPAN
10. 000 000 MHz
Cor
CH4
S21
DEL
100 ns/
REF 1.22 us
Cor
Smo
6 Feb 2007 23:08:45
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW:
7. 379839
MHz
cent :
62. 675964
MHz
Q: 8. 4929
1_loss : -9 . 5238 dB
4
2
3
3: -41 . 199 ns
5. 500 000 MHz
REF=2
CH4 Markers
mean : 1. 2824 us
s. dev : 18. 399 ns
p-p : 81. 405 ns
6. Typical Performance ( at +25℃
℃ )


Similar Part No. - 220751B

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
220750 LEMO-220750 Datasheet
69Kb / 4P
   B - Indoor keyed
logo
Molex Electronics Ltd.
2207530250 MOLEX-2207530250 Datasheet
619Kb / 8P
   NEARSTACK VERTICAL PCIE CABLE ASSY
2022/10/26
2207530250 MOLEX-2207530250 Datasheet
619Kb / 8P
   NEARSTACK VERTICAL PCIE CABLE ASSY
2022/10/26
2207530275 MOLEX-2207530275 Datasheet
619Kb / 8P
   NEARSTACK VERTICAL PCIE CABLE ASSY
2022/10/26
2207530275 MOLEX-2207530275 Datasheet
619Kb / 8P
   NEARSTACK VERTICAL PCIE CABLE ASSY
2022/10/26
More results

Similar Description - 220751B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com