Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

221951B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 221951B
Description  Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

221951B Datasheet(HTML) 1 Page - Integrated Technology Future

  221951B Datasheet HTML 1Page - Integrated Technology Future 221951B Datasheet HTML 2Page - Integrated Technology Future 221951B Datasheet HTML 3Page - Integrated Technology Future 221951B Datasheet HTML 4Page - Integrated Technology Future 221951B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bandpass Filter 221951B
Part No.
221951B
Rev. Date
2008-05-16
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ8009-AS01
1/5
1
2
3
4
10
9
8
7
5
6
11
12
0.80±0.1
1.50±0.1
2.54±0.1
7.62±0.1
13.30±0.2
1. Features
IF bandpass filter
Low-Loss Filter
Single-ended operation
Ceramic Surface Mount Device(SMD) Package
Maximum Storage Temperature Range : -40
~ 85
Electrostatics Sensitive Device (ESD)
2. Package Dimension
Package : S1365
Dimensions shown are nominal in millimeters
Body : Al2O3
Lid : Kovar, Ni Plated
Termination : Au plating 0.3 ~ 1.0um, over a 1.27 ~ 8.89um Ni Plating
Pin Configuration
11
Input
5
Output
6, 12
Ground
Other
Case ground
ITF 08A001
221951B


Similar Part No. - 221951B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2219551100 MOLEX-2219551100 Datasheet
106Kb / 1P
   iGrid R-R 10ckt 100mm disc Sn
2022/12/12
2219551101 MOLEX-2219551101 Datasheet
106Kb / 1P
   iGrid R-R 10ckt 100mm disc Sn
2022/12/12
2219551102 MOLEX-2219551102 Datasheet
106Kb / 1P
   iGrid R-R 10ckt 100mm disc Sn
2022/12/12
2219551103 MOLEX-2219551103 Datasheet
106Kb / 1P
   iGrid R-R 10ckt 100mm disc Sn
2022/12/12
2219551104 MOLEX-2219551104 Datasheet
106Kb / 1P
   iGrid R-R 10ckt 100mm disc Sn
2022/12/12
More results

Similar Description - 221951B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com