Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

234251B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 234251B
Description  Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

234251B Datasheet(HTML) 2 Page - Integrated Technology Future

  234251B Datasheet HTML 1Page - Integrated Technology Future 234251B Datasheet HTML 2Page - Integrated Technology Future 234251B Datasheet HTML 3Page - Integrated Technology Future 234251B Datasheet HTML 4Page - Integrated Technology Future 234251B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bandpass Filter 234251B
Part No.
234251B
Rev. Date
2008-10-13
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NJ8019-CS01
2/5
3. Specifications
Fo = 78.0 MHz
Terminating source impedance
: 50Ω and matching network
Terminating load impedance
: 50Ω and matching network
Notes :
1)
All specifications are based on the matching schematic shown below
2)
All specifications are measured by Agilent Network analyzer and full 2 port calibration
3)
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances
4)
All attenuation measurements are measured relative to insertion loss
Operating temperature range :
-25℃
℃ ~ +85℃
Minimum
Typical
Maximum
Center Frequency (Fc)
MHz
-
78.0
-
Insertion Loss
dB
-
19.0
21.0
1dB Bandwidth
MHz
41.3
41.9
-
3dB Bandwidth
MHz
-
42.95
-
40dB Bandwidth
MHz
-
48.2
48.7
Amplitude Ripple (Fo +/- 19.8 MHz)
dB
-
0.7
1.0
Group Delay Variation (Fo +/- 19.8 MHz)
nsec
-
30
60
Absolute Delay
usec
-
0.94
-
Ultimate Rejection
dB
40
45
-
Temperature Coefficient of Frequency (TCF)
ppm/°C
-
- 72
-
Room temperature
: + 25 ℃
Minimum
Typical
Maximum
Insertion Loss
dB
-
19.0
20.5
Amplitude Ripple (Fo +/- 20.12 MHz)
dB
-
0.7
1.0
Group Delay Variation (Fo +/- 20.12 MHz)
nsec
-
30
60


Similar Part No. - 234251B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23425 ETC2-23425 Datasheet
203Kb / 1P
   Precision Machined Metric Punches
logo
Intersil Corporation
23425WFVZ INTERSIL-23425WFVZ Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
23425WFVZ RENESAS-23425WFVZ Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
23425WFVZ-T7A INTERSIL-23425WFVZ-T7A Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
23425WFVZ-TK INTERSIL-23425WFVZ-TK Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - 234251B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com