Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2900 Datasheet(PDF) 2 Page - Emerson Network Power

Part # DS2900
Description  2900 Watts Distributed Power System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS2900 Datasheet(HTML) 2 Page - Emerson Network Power

  DS2900 Datasheet HTML 1Page - Emerson Network Power DS2900 Datasheet HTML 2Page - Emerson Network Power DS2900 Datasheet HTML 3Page - Emerson Network Power DS2900 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 11.9.09_44
DS2900
2 of 4
Embedded Power for
Business-Critical Continuity
Logic Control
Remote ON/OFF (PSON#)
The PSON# signal is required to remotely turn on/off the power supply. PSON# is an active low signal that turns on the +12VDC power rail.
When this signal is not pulled low by the system, or left open, the +12VDC output turns off. The 3.30Vsb output remains on. This signal is
pulled to a stanby voltage by a pull-up resistor internal to the power supply. The power supply fan(s) shall operate at the lowest speed
Table 1 PSON# Signal Characteristics
Power Good (PWOK#)
PWOK# is a power good signal and will be pulled LOW by the power supply to indicate that both the outputs are above the regulation limits
of the power supply. When an output voltage falls below regulation limits or when AC power has been removed for a time sufficiently long
so that power supply operation is no longer guaranteed, PWOK will be de-asserted to a HIGH state. The start of the PWOK# delay time shall
be inhibited as long as the +12VDC output is in current limit or the 3.30VSB output is below the regulation limit.
Table 2 PWOK# Signal Characteristics
Power Supply Present Indicator (PRESENT#)
The PRESENT# signal is primarily used to provide a mechanism by which the host system can sense the number of power supplies physically
present (operational or not). This pin is connected to ground in the power supply.
AC Input Present Indicator (ACOK#)
The AC OK# signal is used to indicate presence of AC input to the power supply. This signal shall be connected to 3.3 Vsb through a resistor
on the host system side. A logic “Low” level on this signal shall indicate AC input to the power supply is present. A Logic “HIgh” on this signal
shall indiciate a loss of AC input to the power supply.
Table 3 ACOK# Signal Characteristics
Signal Type
Accepts an open collector/drain input from the system. Pulled-up to the
3.30Vsb located in the power supply
PSON# = Low
ON
PSON# = Open
OFF
MIN
MAX
Logic level low (power supply ON)
0 V
0.8 V
Logic level high (power supply OFF)
2.0 V
4.125 V
Source Current, Vpson = low
4 mA
Power up delay: Tpson on delay
5 msec
400 msec
Signal Type:
Open collector/drain output from power supply. Pull-up to 3.30Vsb external to
the power supply
PWOK = High
Power not good
PWOK = Low
Power Good
MIN
MAX
Logic level low voltage, Isink = 4 mA
0 V
0.8 V
Logic level high voltage, Isource = 200 A
2.0 V
4.125 V
Sink current, PWOK = low
4 mA
Source current, PWOK = high
2 mA
PWOK delay: Tpwok on
100 ms
1000 ms
PWOK rise and fall time
100 sec
Power down delay: Tpwok off
1 ms
1000 msec
Signal Type
Pull-up to 3.30Vsb through a resitor in the host system
PRESENT# = Low
Present
PRESENT# = High
Not Present


Similar Part No. - DS2900

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DS2900 ARTESYN-DS2900 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
DS2900-3 ARTESYN-DS2900-3 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
DS2900-3-002 ARTESYN-DS2900-3-002 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
DS2900-3-003 ARTESYN-DS2900-3-003 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
DS2900-3-004 ARTESYN-DS2900-3-004 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
More results

Similar Description - DS2900

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DS2900 ARTESYN-DS2900 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
DS500SPE-3 ARTESYN-DS500SPE-3 Datasheet
704Kb / 7P
   500 Watts Distributed Power System
DS1600SPE ARTESYN-DS1600SPE Datasheet
791Kb / 8P
   1600 Watts Distributed Power System
DS750PED ARTESYN-DS750PED Datasheet
701Kb / 7P
   750 Watts Distributed Power System
DS1100SLPE-3-001 ARTESYN-DS1100SLPE-3-001 Datasheet
700Kb / 7P
   1100 Watts Distributed Power System
DS1100SLPE ARTESYN-DS1100SLPE Datasheet
700Kb / 7P
   1100 Watts Distributed Power System
DS1100PED-3 ARTESYN-DS1100PED-3 Datasheet
880Kb / 8P
   1100 Watts Distributed Power System
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
   1200 Watts Distributed Power System
logo
Artesyn Technologies
DS750PED-3-001 ARTESYN-DS750PED-3-001 Datasheet
701Kb / 7P
   750 Watts Distributed Power System
logo
Astec America, Inc
DS850-9 ASTEC-DS850-9 Datasheet
100Kb / 4P
   850 Watts 48V Distributed Power System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com