Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPS3000-9 Datasheet(PDF) 3 Page - Emerson Network Power

Part # HPS3000-9
Description  3000 W output power
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS3000-9 Datasheet(HTML) 3 Page - Emerson Network Power

  HPS3000-9 Datasheet HTML 1Page - Emerson Network Power HPS3000-9 Datasheet HTML 2Page - Emerson Network Power HPS3000-9 Datasheet HTML 3Page - Emerson Network Power HPS3000-9 Datasheet HTML 4Page - Emerson Network Power HPS3000-9 Datasheet HTML 5Page - Emerson Network Power HPS3000-9 Datasheet HTML 6Page - Emerson Network Power HPS3000-9 Datasheet HTML 7Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Embedded Power for
Business-Critical Continuity
Embedded Power for
Business-Critical Continuity
327.6 ± 1.2
321.4 ± 1.2
11.9 ± 1
11.6 ± 0.5
Tyco Connector
PN: 2007209
or
FCI
10053363-400LF
AIRFLOW DIRECTION
PinAssignments
Bottom
Top
Rev. 7.10.09_81
HPS3000 Series
3 of 7
(Allunitsinmm)
Pin
64 ACLINE
63 ACLINE
62 n.c.
61 ACNEUTRAL
60 ACNEUTRAL
59 n.c.
58 n.c.
57 n.c.
56 +48Vdcout
55 +48Vdcout
54 +48Vdcout
53 +48Vdcout
52 +48Vdcout
51 +48Vdcout
50 +48Vdcout
49 +48VdcRTN
48 +48VdcRTN
47 +48VdcRTN
46 +48VdcRTN
45 +48VdcRTN
44 +48VdcRTN
43 +48VdcRTN
42 n.c.
41 SYS_GND
40 STBY_SENSE
39 ACOK#
38 SMBUS_ALERT_OUT
37 SCL
36 A2
35 PSKILL
34 A1
33 A0
ModuleInformation
Pin
1 ACLINE
2 ACLINE
3 n.c.
4 ACNEUTRAL
5 ACNEUTRAL
6 n.c.
7 n.c.
8 n.c.
9 +48Vdcout
10 +48Vdcout
11 +48Vdcout
12 +48Vdcout
13 +48Vdcout
14 +48Vdcout
15 +48Vdcout
16 +48VdcRTN
17 +48VdcRTN
18 +48VdcRTN
19 +48VdcRTN
20 +48VdcRTN
21 +48VdcRTN
22 +48VdcRTN
23 n.c.
24 V_STBY
25 STBY_RTN_SENSE
26 PRESENT#
27 DCOK/PWOK#
28 SDA
29 HVCC
30 PSON#
31 #ALERT
32 ISHARE


Similar Part No. - HPS3000-9

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
HPS3000-9 ARTESYN-HPS3000-9 Datasheet
1Mb / 9P
   Distributed Power Bulk Front-End
HPS3000-9-001 ARTESYN-HPS3000-9-001 Datasheet
1Mb / 9P
   Distributed Power Bulk Front-End
HPS3000-9 ARTESYN-HPS3000-9_16 Datasheet
1Mb / 9P
   Distributed Power Bulk Front-End
More results

Similar Description - HPS3000-9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMC30J10A STMICROELECTRONICS-SMC30J10A Datasheet
132Kb / 10P
   3000 W Transil?
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
   3000 W Transil
SM30T28CAY STMICROELECTRONICS-SM30T28CAY Datasheet
277Kb / 12P
   Automotive 3000 W Transil
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
   Automotive 3000 W Transil?
SMC30JXXA STMICROELECTRONICS-SMC30JXXA Datasheet
672Kb / 13P
   3000 W TVS in SMC
Rev 7 - January 2022
logo
Emerson Network Power
PSE1000-PFC EMERSON-NETWORKPOWER-PSE1000-PFC Datasheet
493Kb / 4P
   1000 W output power
logo
STMicroelectronics
SM30TXXAY STMICROELECTRONICS-SM30TXXAY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
logo
TECHNOLOGY ASSISTANCE B...
NTDM-5-300 TAB-NTDM-5-300 Datasheet
674Kb / 2P
   1500-3000 WATT SINGLE OUTPUT SWITCHING POWER SUPPLIES
logo
Artesyn Technologies
AIF ARTESYN-AIF Datasheet
549Kb / 3P
   Up to 1600 W output power
logo
XP Power Limited
SHP350PS12 XPPOWER-SHP350PS12 Datasheet
3Mb / 26P
   420 W High Line Output Power
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com