Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

230401B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 230401B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

230401B Datasheet(HTML) 2 Page - Integrated Technology Future

  230401B Datasheet HTML 1Page - Integrated Technology Future 230401B Datasheet HTML 2Page - Integrated Technology Future 230401B Datasheet HTML 3Page - Integrated Technology Future 230401B Datasheet HTML 4Page - Integrated Technology Future 230401B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SAW Bandpass Filter 230401B
Part No.
230401B
3. Specifications
Fo = 79.8 MHz
Terminating source impedance
: 50
Ω and matching network
Terminating load impedance
: 50
Ω and matching network
Minimum
Typical
Maximum
Center Frequency
MHz
-
79.8
-
Insertion Loss
dB
-
22.0
25.0
1dB Bandwidth
MHz
3.85
-
-
3dB Bandwidth
MHz
-
4.13
-
53dB Bandwidth
MHz
-
5.15
5.25
Amplitude Ripple (Fo +/- 1.8 MHz)
dB
-
0.6
1.0
Group Delay Variation (Fo +/- 1.8 MHz)
nsec
-
120
200
Absolute Delay
usec
-
4.26
-
Relative Attenuation
77.13 MHz (Fo -1.92 - 0.75MHz)
dB
50
55
-
82.47 MHz (Fo +1.92 + 0.75MHz)
dB
50
55
-
Ultimate Rejection
dB
50
55
-
Temperature Coefficient of Frequency
ppm/°C
-
-23
-
Notes :
1)
All specifications are based on the matching schematic shown below
2)
All specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature
3)
All attenuation measurements are measured relative to insertion loss
Rev. Date
2006-05-02
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM6011-CS01
2/5


Similar Part No. - 230401B

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2304018 PHOENIX-2304018 Datasheet
124Kb / 5P
   FLKM-D37 SUB/S/ZFKDS
More results

Similar Description - 230401B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com