Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

251102B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 251102B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

251102B Datasheet(HTML) 5 Page - Integrated Technology Future

  251102B Datasheet HTML 1Page - Integrated Technology Future 251102B Datasheet HTML 2Page - Integrated Technology Future 251102B Datasheet HTML 3Page - Integrated Technology Future 251102B Datasheet HTML 4Page - Integrated Technology Future 251102B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 251102B
Part No.
251102B
CH1
S21
LOG
1 dB/
REF -23.83 dB
Cor
CH2
S21
LOG
1 dB/
REF -24.16 dB
CENTER 140 . 000 000 MHz
SPAN
13. 000 000 MHz
Cor
CH1
S21
LOG
10 dB/
REF -24.16 dB
START
. 010 000 MHz
STOP 500 . 000 000 MHz
9 Sep 2006 15:49:12
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -61 . 107 dB
140 . 000 MHz
3: -59 . 687 dB
280 . 000 MHz
9 Sep 2006 15:45:32
Rev. Date
2006-09-12
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM6029-CS01
5/5
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
10. 729969
MHz
cent : 139 . 984100
MHz
Q: 13. 046
1_loss : -23 . 826 dB
2
3
3: . 07500
dB
10. 000 000 MHz
REF=2
CH2 Markers
mean : -23 . 962 dB
s. dev : . 13150
dB
p-p : . 53950
dB
CH1
S11
SWR
1 /
REF 1.568
Cor
CH2
S22
SWR
1 /
REF 2.57
CENTER 140 . 000 000 MHz
SPAN
31. 000 000 MHz
Cor
9 Sep 2006 15:46:40
CH1
S11
1 U FS
1
1: 1. 5682
140 . 000 000 MHz
2
2: 2. 5710
140 . 000 000 MHz
Cor
CH2
S22
1 U FS
CENTER 140 . 000 000 MHz
SPAN
31. 000 000 MHz
Cor
9 Sep 2006 15:46:46
1
1: 51. 236
-22 . 955
49. 524 pF
140 . 000 000 MHz
2
2: 45. 143
46. 295
52. 629 nH
140 . 000 000 MHz


Similar Part No. - 251102B

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2511020 ALPHAWIRE-2511020 Datasheet
98Kb / 4P
   Customer Specification
12/13/2022
logo
Wurth Elektronik GmbH &...
2511020213301 WURTH-2511020213301 Datasheet
627Kb / 7P
   WSEN-PADS Absolute Pressure Sensor
001.001
25110202133011 WURTH-25110202133011 Datasheet
600Kb / 7P
   WSEN-PADS Absolute Pressure Sensor
001.000
logo
Alpha Wire
2511025 ALPHAWIRE-2511025 Datasheet
94Kb / 5P
   Customer Specification
1/4/2023
More results

Similar Description - 251102B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com