Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

232054B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 232054B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

232054B Datasheet(HTML) 4 Page - Integrated Technology Future

  232054B Datasheet HTML 1Page - Integrated Technology Future 232054B Datasheet HTML 2Page - Integrated Technology Future 232054B Datasheet HTML 3Page - Integrated Technology Future 232054B Datasheet HTML 4Page - Integrated Technology Future 232054B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 232054B
Part No.
232054B
CH1
S21
LOG
10 dB/
REF -23.1 dB
CENTER
70. 000 000 MHz
SPAN
56. 000 000 MHz
*
Cor
Hld
10 Jul 2007 10:35:10
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
21. 798696
MHz
cent :
70. 083505
MHz
Q: 3. 2150
1_loss : -23 . 106 dB
6. Typical Performance ( at +25℃ )
CH1
S21
LOG
1 dB/
REF -22.71 dB
Cor
CH2
S21
LOG
1 dB/
REF -23.07 dB
CENTER
70. 000 000 MHz
SPAN
25. 000 000 MHz
Cor
10 Jul 2007 10:35:54
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
20. 174227
MHz
cent :
70. 101076
MHz
Q: 3. 4748
1_loss : -23 . 019 dB
2
3
3: . 18160
dB
19. 500 000 MHz
REF=2
CH2 Markers
mean : -22 . 897 dB
s. dev : . 10650
dB
p-p : . 56650
dB
Rev. Date
2007-10-22
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM7039-CS01
4/5


Similar Part No. - 232054B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
23205402 TOSHIBA-23205402 Datasheet
8Mb / 90P
   LCD Color Television
2005
23205402 TOSHIBA-23205402 Datasheet
5Mb / 43P
   LCD Color Television
2005
23205402 TOSHIBA-23205402 Datasheet
6Mb / 43P
   LCD Color Television
2005
23205402 TOSHIBA-23205402 Datasheet
7Mb / 10P
   LCD Color Television
2005
23205402 TOSHIBA-23205402 Datasheet
7Mb / 85P
   Plasma Color Television
2005
More results

Similar Description - 232054B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com