Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

260951B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 260951B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

260951B Datasheet(HTML) 4 Page - Integrated Technology Future

  260951B Datasheet HTML 1Page - Integrated Technology Future 260951B Datasheet HTML 2Page - Integrated Technology Future 260951B Datasheet HTML 3Page - Integrated Technology Future 260951B Datasheet HTML 4Page - Integrated Technology Future 260951B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 260951B
Part No.
260951B
Rev. Date
2008-01-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM8002-CS01
4/5
6. Typical Performance ( at +25℃
℃ )
CH1 S21
LOG
1 dB/
REF -25.12 dB
Cor
CH2 S21
LOG
1 dB/
REF -25.66 dB
CENTER 260. 000 000 MHz
SPAN 11. 000 000 MHz
Cor
29 Jan 2008 11:24:33
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
9. 194296 MHz
cent : 260. 006718 MHz
Q: 28. 279
1_loss : -25 . 419 dB
2
3
3: . 21120 dB
8. 750 000 MHz
REF=2
CH2 Markers
mean:-25 . 438 dB
s. dev : . 12140 dB
p-p : . 56960 dB
CH1 S21
LOG
10 dB/
REF -25.44 dB
CENTER 260. 000 000 MHz
SPAN 28. 000 000 MHz
*
Cor
Hld
29 Jan 2008 11:23:22
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 10. 840902 MHz
cent : 259. 947723 MHz
Q: 23. 978
1_loss : -25 . 445 dB


Similar Part No. - 260951B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
260954B ITF-260954B Datasheet
179Kb / 2P
   305.0 MHz SAW Filter
260955B ITF-260955B Datasheet
171Kb / 2P
   375.0 MHz SAW Filter
260956B ITF-260956B Datasheet
171Kb / 2P
   470.0 MHz SAW Filter
260957B ITF-260957B Datasheet
172Kb / 2P
   292.0 MHz SAW Filter
260958B ITF-260958B Datasheet
167Kb / 2P
   197.0 MHz SAW Filter
More results

Similar Description - 260951B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com