Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG220034 Datasheet(PDF) 2 Page - NEC

Part # NESG220034
Description  NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NESG220034 Datasheet(HTML) 2 Page - NEC

  NESG220034 Datasheet HTML 1Page - NEC NESG220034 Datasheet HTML 2Page - NEC NESG220034 Datasheet HTML 3Page - NEC NESG220034 Datasheet HTML 4Page - NEC NESG220034 Datasheet HTML 5Page - NEC NESG220034 Datasheet HTML 6Page - NEC NESG220034 Datasheet HTML 7Page - NEC NESG220034 Datasheet HTML 8Page - NEC NESG220034 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
5.5
V
Collector to Emitter Voltage
VCES
13
V
Collector to Emitter Voltage
VCEO
5.5
V
Base Current
Note 1
IB
36
mA
Collector Current
IC
200
mA
Total Power Dissipation
Ptot
Note 2
886
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Notes 1. Depend on the ESD protect device.
2. Mounted on 3.8 cm
× 9.0 cm ×0.8 mm (t) glass epoxy PWB
THERMAL RESISTANCE (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Termal Resistance from Junction to
Ambient
Note
Rthj-a
141
°C/W
Note Mounted on 3.8 cm
× 9.0 cm × 0.8 mm (t) glass epoxy PWB
RECOMMENDED OPERATING RANGE (TA = +25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Collector Current
IC
40
mA
<R>
<R>
<R>
Data Sheet PU10767EJ02V0DS
2
NESG220034


Similar Part No. - NESG220034

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG220034 RENESAS-NESG220034 Datasheet
226Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG220034-A RENESAS-NESG220034-A Datasheet
137Kb / 2P
   RF & Microwave device
NESG220034-T1 RENESAS-NESG220034-T1 Datasheet
226Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
More results

Similar Description - NESG220034

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG240034 RENESAS-NESG240034 Datasheet
221Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG220034 RENESAS-NESG220034 Datasheet
226Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
logo
NEC
NESG240034 NEC-NESG240034 Datasheet
91Kb / 9P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG210833 NEC-NESG210833 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG220033 NEC-NESG220033 Datasheet
95Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240033 NEC-NESG240033 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
logo
Renesas Technology Corp
NESG220033 RENESAS-NESG220033 Datasheet
224Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG210833 RENESAS-NESG210833 Datasheet
232Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240033 RENESAS-NESG240033 Datasheet
232Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
logo
California Eastern Labs
NESG270034 CEL-NESG270034 Datasheet
349Kb / 11P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com