Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

231501B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 231501B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

231501B Datasheet(HTML) 4 Page - Integrated Technology Future

  231501B Datasheet HTML 1Page - Integrated Technology Future 231501B Datasheet HTML 2Page - Integrated Technology Future 231501B Datasheet HTML 3Page - Integrated Technology Future 231501B Datasheet HTML 4Page - Integrated Technology Future 231501B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 231501B
Part No.
231501B
Rev. Date
2009-07-15
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM9021-CS01
4/5
6. Typical Performance ( at +25°
°°°C )
CH1 S21
LOG
10 dB/
REF -23.86 dB
CENTER 75. 000 000 MHz
SPAN 42. 000 000 MHz
*
C
Hld
5 Mar 2009 10:47:47
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW
:
16. 364217 MHz
cent :
74. 979360 MHz
Q: 4. 5819
1_loss : -23 . 833 dB
CH1 S21
LOG
1 dB/
REF -23.62 dB
Cor
CH2 S21
LOG
1 dB/
REF -23.97 dB
CENTER 75. 000 000 MHz
SPAN 19. 000 000 MHz
Cor
5 Mar 2009 10:48:13
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW
:
15. 369222 MHz
cent :
74. 984202 MHz
Q: 4. 8789
1_loss : -23 . 825 dB
2
3
3:- . 20640 dB
15. 120 000 MHz
REF=2
CH2 Markers
mean:-23 . 778 dB
s. dev : . 08220 dB
p-p : . 48600 dB


Similar Part No. - 231501B

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315010 PHOENIX-2315010 Datasheet
128Kb / 5P
   VIP-2/SC/FLK10
2315010 PHOENIX-2315010 Datasheet
207Kb / 3P
   VARIOFACE Professional for ribbon cable connectors
05/2009
23150100 PHOENIX-23150100 Datasheet
180Kb / 3P
   Locking clip - SAC-M12-EXCLIP-M
23150100 PHOENIX-23150100 Datasheet
189Kb / 3P
   Locking clip - SAC-M12-EXCLIP-F
More results

Similar Description - 231501B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com