Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2596TVADJG Datasheet(PDF) 11 Page - ON Semiconductor

Part # LM2596TVADJG
Description  3.0 A, Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2596TVADJG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LM2596TVADJG Datasheet HTML 7Page - ON Semiconductor LM2596TVADJG Datasheet HTML 8Page - ON Semiconductor LM2596TVADJG Datasheet HTML 9Page - ON Semiconductor LM2596TVADJG Datasheet HTML 10Page - ON Semiconductor LM2596TVADJG Datasheet HTML 11Page - ON Semiconductor LM2596TVADJG Datasheet HTML 12Page - ON Semiconductor LM2596TVADJG Datasheet HTML 13Page - ON Semiconductor LM2596TVADJG Datasheet HTML 14Page - ON Semiconductor LM2596TVADJG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM2596
http://onsemi.com
11
LM2596 Series Buck Regulator Design Procedures (continued)
Table 1. RECOMMENDED VALUES OF THE OUTPUT CAPACITOR AND FEEDFORWARD CAPACITOR
(Iload = 3 A)
Nichicon PM Capacitors
Vin (V)
Capacity/Voltage Range/ESR (mF/V/mW)
40
1500/35/24
1000/35/29
1000/35/29
680/35/36
560/25/55
560/25/55
470/35/46
470/35/46
26
1200/35/26
820/35
680/35/36
560/35/41
470/25/65
470/25/65
330/35/60
22
1000/35/29
680/35/36
560/35/41
330/25/85
330/25/85
220/35/85
20
820/35/32
470/35/46
470/25/65
330/25/85
330/25/85
220/35/85
18
820/35/32
470/35/46
470/25/65
330/25/85
330/25/85
220/35/85
12
820/35/32
470/35/46
220/35/85
220/25/111
10
820/35/32
470/35/46
220/35/85
Vout (V)
2
4
6
9
12
15
24
28
CFF (nF]
40
15
5
2
1.5
1
0.6
0.6
15uH
22uH
33uH
47uH
68uH
100uH
150uH
220uH
L35
L27
L36
L27
L42
L43
L44
L37
L38
L30
L29
L21
L22
L31
L39
L40
L32
L23
L15
L24
L40
L40
L25
L34
0.6
0.8
1.0
1.5
2.0
2.5
3.0
4
5
6
7
8
9
10
15
20
25
30
40
50
60
70
Maximum load current (A)
Figure 18. Inductor Value Selection Guides (For Continuous Mode Operation)


Similar Part No. - LM2596TVADJG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2596TVADJG ONSEMI-LM2596TVADJG Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
More results

Similar Description - LM2596TVADJG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
   2.5 A step-down switching regulator
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
   3 A step-down switching regulator
logo
ON Semiconductor
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
STMicroelectronics
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
   3 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com