Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF20H150CTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRF20H150CTG
Description  SWITCHMODE??Power Rectifier 150 V, 20 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF20H150CTG Datasheet(HTML) 2 Page - ON Semiconductor

  MBRF20H150CTG Datasheet HTML 1Page - ON Semiconductor MBRF20H150CTG Datasheet HTML 2Page - ON Semiconductor MBRF20H150CTG Datasheet HTML 3Page - ON Semiconductor MBRF20H150CTG Datasheet HTML 4Page - ON Semiconductor MBRF20H150CTG Datasheet HTML 5Page - ON Semiconductor MBRF20H150CTG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRF20H150CTG, MBR20H150CTG
http://onsemi.com
2
MAXIMUM RATINGS (Per Diode Leg)
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
150
V
Average Rectified Forward Current
(Per Leg)
(Rated VR) TC = 134°C
(Per Device)
IF(AV)
10
20
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
180
A
Operating Junction Temperature (Note 1)
TJ
-20 to +150
°C
Storage Temperature
Tstg
-65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
ESD Ratings:
Machine Model = C
Human Body Model = 3B
> 400
> 8000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The heat generated must be less than the thermal conductivity from Junction-to-Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Thermal Resistance
(MBR20H150CT)
- Junction-to-Case
- Junction-to-Ambient
(MBRF20H150CT)
- Junction-to-Case
RqJC
RqJA
RqJC
2.0
45
2.5
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Rating
Symbol
Typ
Max
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(IF = 5 A, TC = 25°C)
(IF = 5 A, TC = 125°C)
(IF = 10 A, TC = 25°C)
(IF = 10 A, TC = 125°C)
vF
0.72
0.57
0.87
0.65
0.60
0.68
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated DC Voltage, TC = 25°C)
(Rated DC Voltage, TC = 125°C)
iR
50
30
mA
mA
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
DEVICE ORDERING INFORMATION
Device Order Number
Package Type
Shipping
MBRF20H150CTG
TO-220FP
(Pb-Free)
50 Units / Rail
MBR20H150CTG
TO-220
(Pb-Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


Similar Part No. - MBRF20H150CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF20H150CTG ONSEMI-MBRF20H150CTG Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 4
MBRF20H150CTG ONSEMI-MBRF20H150CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 4
More results

Similar Description - MBRF20H150CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF10H150CTG ONSEMI-MBRF10H150CTG Datasheet
100Kb / 5P
   SWITCHMODE??Power Rectifier 150 V, 10 A
April, 2008 ??Rev. 1
MBRF30H150CTG ONSEMI-MBRF30H150CTG Datasheet
92Kb / 6P
   SWITCHMODE??Power Rectifier 150 V, 30 A
October, 2007 - Rev. 0
MBR20L80CT ONSEMI-MBR20L80CT Datasheet
123Kb / 7P
   SWITCHMODE??Power Rectifier 80 V, 20 A
January, 2009 ??Rev. 1
MBR20H100CT ONSEMI-MBR20H100CT Datasheet
130Kb / 7P
   SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
MBR20L60CT ONSEMI-MBR20L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 20 A
December, 2008 ??Rev. 0
MBR20L45CTG ONSEMI-MBR20L45CTG Datasheet
142Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 20 A
January, 2010 ??Rev. 2
MBR30L45CTG ONSEMI-MBR30L45CTG Datasheet
138Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 30 A
January, 2010 ??Rev. 2
MBR10L60CT ONSEMI-MBR10L60CT Datasheet
143Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 10 A
December, 2008 ??Rev. 0
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com