Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F4465 Datasheet(PDF) 4 Page - Integrated Technology Future

Part # F4465
Description  SAW Bandpass Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F4465 Datasheet(HTML) 4 Page - Integrated Technology Future

  F4465 Datasheet HTML 1Page - Integrated Technology Future F4465 Datasheet HTML 2Page - Integrated Technology Future F4465 Datasheet HTML 3Page - Integrated Technology Future F4465 Datasheet HTML 4Page - Integrated Technology Future F4465 Datasheet HTML 5Page - Integrated Technology Future F4465 Datasheet HTML 6Page - Integrated Technology Future F4465 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SAW Bandpass Filter F4465
Part No.
F4465
Typical Performance ( at 25℃ )
CH1
S21
LOG
10 dB/
REF 0 dB
CENTER 446 . 000 000 MHz
SPAN 100 . 000 000 MHz
Cor
PRm
14 Apr 2004 04:28:58
1
2
2: - . 16940
dB
6. 000 000 MHz
REF=1
CH1 Markers
mean : -2 . 5641 dB
s. dev : . 17970
dB
p-p : . 68610
dB
CH1
S21
LOG
10 dB/
REF 0 dB
START
. 030 000 MHz
STOP 2 000 . 000 000 MHz
C
PRm
14 Apr 2004 04:31:27
1
1: -3 . 4881 dB
446 . 000 000 MHz
Rev. Date
2004-11-01
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NS3013-AS02
4/7


Similar Part No. - F4465

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4400 FOX-F4400 Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 2.5V, SMD Oscillator
F4400R FOX-F4400R Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 2.5V, SMD Oscillator
F4405 FOX-F4405 Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 2.5V, SMD Oscillator
F4405R FOX-F4405R Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 2.5V, SMD Oscillator
F4406 FOX-F4406 Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 2.5V, SMD Oscillator
More results

Similar Description - F4465

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com