Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

203919B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 203919B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

203919B Datasheet(HTML) 5 Page - Integrated Technology Future

  203919B Datasheet HTML 1Page - Integrated Technology Future 203919B Datasheet HTML 2Page - Integrated Technology Future 203919B Datasheet HTML 3Page - Integrated Technology Future 203919B Datasheet HTML 4Page - Integrated Technology Future 203919B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 203919B
Part No.
203919B
Rev. Date
2004-11-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NT4010-CS01
5/5
CH1
S 21
log MAG
10 dB/
REF -36 dB
CH1 START 0 s
STOP 5 us
Cor
PRm
23 Nov 2004 15:58:45
CH1
S21
LOG
10 dB/
REF -18.7 dB
START
29. 000 000 MHz
STOP
51. 000 000 MHz
Cor
1
1: -19 . 165 dB
38. 912 000 MHz
CH1 S21
LOG
10 dB/
REF -18.7 dB
START 20. 000 000 MHz
STOP 120. 000 000 MHz
Cor
23 Nov 2004 14:28:54
CH2
S21
LOG
1 dB/
REF -18.7 dB
CENTER 38. 912 000 MHz
SPAN
3. 000 000 MHz
Cor
2
3
3:- . 04160 dB
1. 000 000 MHz
REF=2
CH2 Markers
mean: -18 . 882 dB
s. dev : . 15060 dB
p-p : . 58580 dB


Similar Part No. - 203919B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
203918B ITF-203918B Datasheet
216Kb / 5P
   SAW Bandpass Filter
More results

Similar Description - 203919B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com