Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

270951B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 270951B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

270951B Datasheet(HTML) 1 Page - Integrated Technology Future

  270951B Datasheet HTML 1Page - Integrated Technology Future 270951B Datasheet HTML 2Page - Integrated Technology Future 270951B Datasheet HTML 3Page - Integrated Technology Future 270951B Datasheet HTML 4Page - Integrated Technology Future 270951B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SAW Bandpass Filter 270951B
Part No.
270951B
1. Features
IF Bandpass Filter
High-Attenuation
Single-Ended Operation
Ceramic Surface Mount Device (SMD) Package
Maximum Storage Temperature Range : -40
~ 85
℃℃
Electrostatics Sensitive Device (ESD)
2. Package Dimensions
12
11
10
987
6
5
4
3
2
1
0.80±0.1
1.50±0.1
2.54±0.1
7.62±0.1
13.30±0.2
1
2
3
4
10
9
8
7
5
6
11
12
ITF04A001
270951B
Pad Configuration
11
Input
5
Output
6, 12
Ground
Other
Case ground
Package : S1365
Dimensions shown are nominal in millimeters
Body : Al2O3 Ceramic
Lid : Kovar, Ni Plated
Terminations : Au plating 0.3 ~ 1.0 um, Over a 1.27 ~ 8.89 um Ni Plating
Rev. Date
2004-04-08
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NW4002-CS06
1/5


Similar Part No. - 270951B

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2709532 PHOENIX-2709532 Datasheet
98Kb / 5P
   When a device is unplugged from the system as a whole, the signal chain is not interrupted혯 Supply via standard MINI COMBICON plug
logo
Integrated Technology F...
270953B ITF-270953B Datasheet
196Kb / 5P
   SAW Bandpass Filter
logo
PHOENIX CONTACT
2709545 PHOENIX-2709545 Datasheet
102Kb / 6P
   Optional BUS connection integrated in the housing, for either parallel or serial contacting
2709558 PHOENIX-2709558 Datasheet
56Kb / 2P
   Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
logo
Integrated Technology F...
270955B ITF-270955B Datasheet
196Kb / 5P
   SAW Bandpass Filter
More results

Similar Description - 270951B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com