Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250503B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 250503B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

250503B Datasheet(HTML) 5 Page - Integrated Technology Future

  250503B Datasheet HTML 1Page - Integrated Technology Future 250503B Datasheet HTML 2Page - Integrated Technology Future 250503B Datasheet HTML 3Page - Integrated Technology Future 250503B Datasheet HTML 4Page - Integrated Technology Future 250503B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 250503B
Part No.
250503B
CH2
S21
LOG
1 dB/
REF -20.6 dB
CH1
S21
LOG
10 dB/
REF -20.6 dB
START
. 010 000 MHz
STOP 600 . 000 000 MHz
9 Jun 2006 10:13:56
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -42 . 481 dB
112 . 000 MHz
3: -44 . 479 dB
152 . 000 MHz
Rev. Date
2006-06-09
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NW6002-CS01
5/5
CENTER 183 . 000 000 MHz
SPAN
8. 000 000 MHz
Cor
CH4
S21
LOG
1 dB/
REF -20.6 dB
Cor
9 Jun 2006 10:12:29
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW:
5. 196020
MHz
cent : 182 . 982868
MHz
Q: 35. 216
1_loss : -21 . 163 dB
4
2
3
3: - . 15430 dB
5. 000 000 MHz
REF=2
CH4 Markers
mean : -20 . 922 dB
s. dev : . 12020 dB
p-p : . 64050 dB
CH1
S11
SWR
1 /
REF 0
CENTER 183 . 000 000 MHz
SPAN
18. 000 000 MHz
Cor
CH3
S22
SWR
1 /
REF 0
Cor
9 Jun 2006 10:13:13
1
1: 1. 4446
183 . 000 000 MHz
2
2: 1. 4504
183 . 000 000 MHz
CH1
S11
1 U FS
CENTER 183 . 000 000 MHz
SPAN
18. 000 000 MHz
Cor
CH3
S22
1 U FS
Cor
9 Jun 2006 10:12:57
1
1: 51. 813
-18 . 766
46. 345 pF
183 . 000 000 MHz
2
2: 53. 033
-18 . 875
46. 077 pF
183 . 000 000 MHz


Similar Part No. - 250503B

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
25050 TURCK-25050 Datasheet
205Kb / 2P
   Capacitive Sensor
11/07/2023
logo
Integrated Technology F...
250504B ITF-250504B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250506B ITF-250506B Datasheet
205Kb / 5P
   SAW Bandpass Filter
250507B ITF-250507B Datasheet
221Kb / 5P
   SAW Bandpass Filter
More results

Similar Description - 250503B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com