Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6HQ14MMNTXG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB6HQ14MMNTXG
Description  2.5V 5GHz / 6.5Gbps Differential Input to 1.8V / 2.5V 1:4 CML Clock / Data Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6HQ14MMNTXG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB6HQ14MMNTXG Datasheet HTML 3Page - ON Semiconductor NB6HQ14MMNTXG Datasheet HTML 4Page - ON Semiconductor NB6HQ14MMNTXG Datasheet HTML 5Page - ON Semiconductor NB6HQ14MMNTXG Datasheet HTML 6Page - ON Semiconductor NB6HQ14MMNTXG Datasheet HTML 7Page - ON Semiconductor NB6HQ14MMNTXG Datasheet HTML 8Page - ON Semiconductor NB6HQ14MMNTXG Datasheet HTML 9Page - ON Semiconductor NB6HQ14MMNTXG Datasheet HTML 10Page - ON Semiconductor NB6HQ14MMNTXG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NB6HQ14M
http://onsemi.com
7
Figure 5. Input Structure
50 W
50 W
VT
VCC
IN
IN
IN
Vth
IN
Vth
Figure 6. Differential Input Driven
Single−Ended
VIH
VIL
IN
IN
Figure 7. Differential Inputs
Driven Differentially
VIHmax
VILmax
VIH
Vth
VIL
VIHmin
VILmin
VCC
Vthmax
Vthmin
GND
Vth
Figure 8. Vth Diagram
IN
Figure 9. Differential Inputs Driven Differentially
VIHD
VILD
VID = |VIHD(IN) − VILD(IN)|
IN
IN
VILD(MAX)
VIHD(MAX)
VIHD
VILD
VIHD(MIN)
VILD(MIN)
VCMR
GND
VID = VIHD − VILD
VCC
INx
INx
Q
Q
tPLH
tPHL
VOUTPP = VOH(Q) − VOL(Q)
VINPP = VIH(IN) − VIL(IN)
Figure 10. VCMR Diagram
Figure 11. AC Reference Measurement
VCMRmax
VCMRmin


Similar Part No. - NB6HQ14MMNTXG

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
NB6 GLENAIR-NB6 Datasheet
58Kb / 1P
   Military Standard Connector Index
logo
Monolithic Power System...
NB621 MPS-NB621 Datasheet
1,000Kb / 14P
   8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
NB621EV MPS-NB621EV Datasheet
1,000Kb / 14P
   8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
NB634 MPS-NB634 Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
NB634EL MPS-NB634EL Datasheet
349Kb / 13P
   High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
More results

Similar Description - NB6HQ14MMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7HQ14M ONSEMI-NB7HQ14M Datasheet
1Mb / 10P
   2.5V 7GHz / 10Gbps Differential Input to 1.8V / 2.5V 1:4 CML Clock / Data Fanout Buffer
May, 2009 ??Rev. 0
NB7V585M ONSEMI-NB7V585M Datasheet
156Kb / 8P
   1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1
NB7VQ572M ONSEMI-NB7VQ572M Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB6L11M ONSEMI-NB6L11M Datasheet
147Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer
December, 2006 ??Rev. 0
NB7V586M ONSEMI-NB7V586M Datasheet
139Kb / 8P
   1.8V Differential 2:1 Mux Input to 1.2V/1.8V 1:6 CML Clock/Data Fanout Buffer / Translator
September, 2008 ??Rev. 0
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
logo
Micrel Semiconductor
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com