Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6LQ572MNG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB6LQ572MNG
Description  2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6LQ572MNG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB6LQ572MNG Datasheet HTML 2Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 3Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 4Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 5Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 6Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 7Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 8Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 9Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NB6LQ572
http://onsemi.com
6
Table 6. AC CHARACTERISTICS VCC = 2.375 V to 3.6 V, GND = 0 V, TA = −40°C to +85°C (Note 11)
Symbol
Characteristic
Min
Typ
Max
Unit
fMAX
Maximum Input Clock Frequency
VOUT w 450 mV
5
6
GHz
fDATAMAX
Maximum Operating Data Rate
NRZ, (PRBS23)
6.5
8
Gbps
fSEL
Maximum Toggle Frequency, SELx
4
10
MHz
VOUTPP
Output Voltage Amplitude (@ VINPPmin) fin ≤ 5 GHz (Note 11) (Figures 3 and 10)
450
800
mV
tPLH,
tPHL
Propagation Delay to Differential Outputs
Measured at Differential Crosspoint
INx/INx to Qx/Qx @1 GHz
@ 50 MHz SELn to Qx
100
175
5
250
10
ps
ns
tPD Tempco
Differential Propagation Delay Temperature Coefficient
100
Dfs/°C
tskew
Output – Output skew (within device) (Note 13)
Device – Device skew (tpdmax – tpdmin)
0
30
15
100
ps
tDC
Output Clock Duty Cycle (Reference Duty Cycle = 50%)
fin = 1 GHz
45
50
55
%
FN
Phase Noise, fin = 1 GHz
10 kHz
100 kHz
1 MHz
10 MHz
20 MHz
−134
−136
−149
−150
−150
dBc
t FN
Integrated Phase Jitter (Figure 1) fin = 1GHz, 12 kHz − 20 MHz Offset (RMS)
35
fs
tJITTER
Random Clock Jitter, RJ(RMS), (Note 14)
Deterministic Jitter, DJ (Note 15)
0.2
0.8
10
ps
Crosstalk Induced Jitter (Adjacent Channel) (Note 16)
0.7
psRMS
VINPP
Input Voltage Swing (Differential Configuration) (Note 17)
100
1200
mV
tr,, tf
Output Rise/Fall Times @ 1 GHz; (20% − 80%), Qx, Qx
25
50
75
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
11. Measured using a VINPPmin source, 50% duty cycle clock source. All output loading with external 50 W to VCC − 2 V. Input edge rates 40 ps
(20% − 80%).
12.Output voltage swing is a single−ended measurement operating in differential mode.
13.Skew is measured between outputs under identical transitions and conditions. Duty cycle skew is defined only for differential operation when
the delays are measured from cross−point of the inputs to the cross−point of the outputs.
14.Additive RMS jitter with 50% duty cycle clock signal.
15.Additive Peak−to−Peak data dependent jitter with input NRZ data at PRBS23.
16.Crosstalk is measured at the output while applying two similar clock frequencies that are asynchronous with respect to each other at the
inputs.
17.Input voltage swing is a single−ended measurement operating in differential mode.
900
850
800
750
700
650
600
550
500
0
fin, CLOCK INPUT FREQUENCY (GHz)
Figure 3. Clock Output Voltage Amplitude (VOUTPP) vs. Input Frequency (fin) at Ambient Temperature (Typical)
8.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Q AMP (mV)


Similar Part No. - NB6LQ572MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB6LQ572MMNG ONSEMI-NB6LQ572MMNG Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB6LQ572MMNR4G ONSEMI-NB6LQ572MMNR4G Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
More results

Similar Description - NB6LQ572MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7LQ572 ONSEMI-NB7LQ572 Datasheet
294Kb / 12P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2010 ??Rev. 0
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
NB7VQ572M ONSEMI-NB7VQ572M Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB3L8533 ONSEMI-NB3L8533 Datasheet
157Kb / 10P
   2.5V/3.3V Differential 2:1 MUX to 4 LVPECL Fanout Buffer
December, 2014 ??Rev. 1
NB7L585R ONSEMI-NB7L585R Datasheet
160Kb / 9P
   2.5V/3.3V, 7GHz/10Gbps Differential 2:1 Mux Input to 1:6 RSECL Clock/Data Fanout Buffer / Translator
October, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com