Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6LQ572MNR4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB6LQ572MNR4G
Description  2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6LQ572MNR4G Datasheet(HTML) 3 Page - ON Semiconductor

  NB6LQ572MNR4G Datasheet HTML 1Page - ON Semiconductor NB6LQ572MNR4G Datasheet HTML 2Page - ON Semiconductor NB6LQ572MNR4G Datasheet HTML 3Page - ON Semiconductor NB6LQ572MNR4G Datasheet HTML 4Page - ON Semiconductor NB6LQ572MNR4G Datasheet HTML 5Page - ON Semiconductor NB6LQ572MNR4G Datasheet HTML 6Page - ON Semiconductor NB6LQ572MNR4G Datasheet HTML 7Page - ON Semiconductor NB6LQ572MNR4G Datasheet HTML 8Page - ON Semiconductor NB6LQ572MNR4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NB6LQ572
http://onsemi.com
3
Table 2. PIN DESCRIPTION
Pin Num-
ber
Pin Name
I/O
Pin Description
1, 4
5, 8
25, 28
29, 32
IN0, IN0
IN1, IN1
IN2, IN2
IN3, IN3
LVPECL, CML,
LVDS Input
Noninverted, Inverted, Differential Clock or Data Inputs
2, 6
26, 30
VT0, VT1
VT2, VT3
Internal 100 W Center−tapped Termination Pin for INx / INx
15
18
SEL0
SEL1
LVTTL/LVCMOS
Input
Input Select pins, default HIGH when left open through a 94 kW pullup resistor.
Input logic threshold is VCC / 2. See Select Function, Table 1.
14, 19
NC
No Connect
10, 13, 16
17, 20, 23
VCC
Positive Supply Voltage.
11, 12
21, 22
Q0, Q0
Q1, Q1
LVPECL Output
Non−inverted, Inverted Differential Outputs.
9, 24
GND
Negative Supply Voltage
3
7
27
31
VREFAC0
VREFAC1
VREFAC2
VREFAC3
Output Voltage Reference for Capacitor−Coupled Inputs
EP
The Exposed Pad (EP) on the QFN−32 package bottom is thermally connected to
the die for improved heat transfer out of package. The exposed pad must be
attached to a heat−sinking conduit. The pad is electrically connected to the die, and
must be electrically connected to GND.
1. In the differential configuration when the input termination pins (VT0, VT1, VT2, VT3) are connected to a common termination voltage or
left open, and if no signal is applied on INx/INx input, then the device will be susceptible to self−oscillation.
2. All VCC and GND pins must be externally connected to a power supply for proper operation.


Similar Part No. - NB6LQ572MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB6LQ572MMNG ONSEMI-NB6LQ572MMNG Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB6LQ572MMNR4G ONSEMI-NB6LQ572MMNR4G Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
More results

Similar Description - NB6LQ572MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7LQ572 ONSEMI-NB7LQ572 Datasheet
294Kb / 12P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2010 ??Rev. 0
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
NB7VQ572M ONSEMI-NB7VQ572M Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB3L8533 ONSEMI-NB3L8533 Datasheet
157Kb / 10P
   2.5V/3.3V Differential 2:1 MUX to 4 LVPECL Fanout Buffer
December, 2014 ??Rev. 1
NB7L585R ONSEMI-NB7L585R Datasheet
160Kb / 9P
   2.5V/3.3V, 7GHz/10Gbps Differential 2:1 Mux Input to 1:6 RSECL Clock/Data Fanout Buffer / Translator
October, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com