Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9SEFSBKS42292-R1-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # L9SEFSBKS42292-R1-PF
Description  DUAL COLOR LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9SEFSBKS42292-R1-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  L9SEFSBKS42292-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9SEFSBKS42292-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9SEFSBKS42292-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9SEFSBKS42292-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9SEFSBKS42292-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. L9SEFSBKS42292-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. L9SEFSBKS42292-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Power Dissipation
Electrostatic Discharge( * )
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Forward Current
Absolute Maximum Ratings at Ta=25
Storage Temperature
Operating Temperature
mW
75
PD
-20 ~ +80
Topr
Tstg
-30 ~ +100
ESD
Ir
2000
500
10
50
120
V
μA
SBKS
Parameter
Symbol
IF
IFP
30
30
60
100
9SEF
Ratings
UNIT
mA
mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/6
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
Blue
Orange
Emitted
----
2.6
1.7
17
Max.
Min.
Typ.
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
COLOR
605
Lens
Dominant
wave
length
λDnm
4.2
3.5
26
----
475
White Diffused
Viewing
angle
2
θ 1/2
(deg)
70
70
Typ.
Min.
Luminous
intensity
@20mA(mcd)
15
38
9
21
MATERIAL
InGaN/SiC
AlGaInP
L9SEFSBKS42292/R1-PF
PART NO
PART NO. L9SEFSBKS42292/R1-PF


Similar Part No. - L9SEFSBKS42292-R1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9SEFSBKS42292-PF LIGITEK-L9SEFSBKS42292-PF Datasheet
145Kb / 7P
   DUAL COLOR LED LAMPS
More results

Similar Description - L9SEFSBKS42292-R1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRF9UG2692-R12-PF LIGITEK-LHRF9UG2692-R12-PF Datasheet
149Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG23092-P1 LIGITEK-LHRF9UG23092-P1 Datasheet
88Kb / 6P
   DUAL COLOR LED LAMPS
LHRF9UG42292-R1-PF LIGITEK-LHRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LHRF9UG42293-S14-PF LIGITEK-LHRF9UG42293-S14-PF Datasheet
113Kb / 7P
   DUAL COLOR LED LAMPS
LHY9UG34063-R1-PF LIGITEK-LHY9UG34063-R1-PF Datasheet
129Kb / 7P
   DUAL COLOR LED LAMPS
LSBKS9UG2093 LIGITEK-LSBKS9UG2093 Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRF9UG42292-R1-PF LIGITEK-LSRF9UG42292-R1-PF Datasheet
125Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBK2093-R1-PF LIGITEK-LSRFSBK2093-R1-PF Datasheet
161Kb / 7P
   DUAL COLOR LED LAMPS
LSRFSBKS3393-R1 LIGITEK-LSRFSBKS3393-R1 Datasheet
122Kb / 7P
   DUAL COLOR LED LAMPS
LSRFVG2092-R1 LIGITEK-LSRFVG2092-R1 Datasheet
110Kb / 6P
   DUAL COLOR LED LAMPS
LSRFVY3392-R1-PF LIGITEK-LSRFVY3392-R1-PF Datasheet
126Kb / 7P
   DUAL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com