Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002-G Datasheet(PDF) 1 Page - Comchip Technology

Part # 2N7002-G
Description  MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2N7002-G Datasheet(HTML) 1 Page - Comchip Technology

  2N7002-G Datasheet HTML 1Page - Comchip Technology 2N7002-G Datasheet HTML 2Page - Comchip Technology 2N7002-G Datasheet HTML 3Page - Comchip Technology 2N7002-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N7002-G (N-Channel)
RoHS Device
MOSFET
MOSFET
QW-BTR12
Page 1
REV:B
SMD Diodes Specialist
Features
Power dissipation : 0.35W
Equivalent Circuit
Dimensions in inches and (millimeter)
SOT-23
D
D
G
G
S
S
0.083(2.10)
0.066(1.70)
0.056(1.40)
0.047(1.20)
0.119(3.00)
0.110(2.80)
0.006(0.15)max
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.007(0.20)min
0.006(0.15)
0.002(0.05)
0.103(2.60)
0.086(2.20)
Symbol
Parameter
Value
Unit
Maximum Ratings (at TA=25°C)
Drain-Source voltage
Drain current
Power dissipation
Junction and storage temperature
G : Gate
S : Source
D : Drain
VDS
ID
PD
TJ, TSTG
60
250
350
-55 ~ +150
V
mA
mW
°C
Symbol
Parameter
Conditions
Typ
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
Drain-Source breakdown voltage
Gate-Threshold voltage
Gate-body leakage
Zero gate voltage drain current
On-state drain current
Drain-Source on resistance
Forward tran conductance
Diode forward voltage
Total gate charge
Gate-Source charge
Gate-Drain charge
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time
Turn-off time
VGS=0V, ID=10μA
VDS=VGS, ID=250μA
VDS=0V, VGS=15V
VDS=60V, VGS=0V
VDS=60V, VGS=0V, TJ=125°C
VGS=10V, VDS=7.5V
VGS=4.5V, VDS=10V
VGS=10V, ID=250mA
VGS=4.5V, ID=200mA
VDS=15V, ID=200mA
IS=200mA, VGS=0V
VDS=30V, VGS=10V, ID=250mA
VDS=25V, VGS=0V, f=1MHz
VDD=30V, RL=200Ω
ID=100mA, VGEN=10V
RG=10Ω
Min
V(BR)DSS
Vth(GS)
IGSS
IDSS
ID(ON)
rDS(ON)
gts
VSD
Qg
Qgs
Qgd
Ciss
COSS
CrSS
td(ON)
tr
td(off)
60
1
800
500
70
1.5
1300
700
1.5
2.0
300
0.85
0.6
0.06
0.06
25
6
1.2
7.5
6
7.5
2.5
10
1
500
3
4
1.2
1.0
20
20
V
nA
μA
mA
Ω
mS
V
nC
pF
nS
G
S
D
Comchip Technology CO., LTD.


Similar Part No. - 2N7002-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
2N7002-G SUTEX-2N7002-G Datasheet
546Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
116Kb / 4P
   MOSFET
logo
Supertex, Inc
2N7002-G SUTEX-2N7002-G Datasheet
665Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
2N7002-G MICROCHIP-2N7002-G Datasheet
444Kb / 14P
   N-Channel Enhancement-Mode Vertical DMOS FET
08/15/18
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G_12 Datasheet
116Kb / 4P
   MOSFET
More results

Similar Description - 2N7002-G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
Sanken electric
2SJ425 SANKEN-2SJ425 Datasheet
34Kb / 1P
   MOSFET
2SK1178 SANKEN-2SK1178 Datasheet
34Kb / 1P
   MOSFET
2SK2708 SANKEN-2SK2708 Datasheet
35Kb / 1P
   MOSFET
2SK2803 SANKEN-2SK2803 Datasheet
25Kb / 2P
   MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com