Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD350 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBRD350
Description  SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRD350 Datasheet(HTML) 2 Page - Motorola, Inc

  MBRD350 Datasheet HTML 1Page - Motorola, Inc MBRD350 Datasheet HTML 2Page - Motorola, Inc MBRD350 Datasheet HTML 3Page - Motorola, Inc MBRD350 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRD320 MBRD330 MBRD340 MBRD350 MBRD360
2
Rectifier Device Data
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (2)
iF = 3 Amps, TC = +25°C
iF = 3 Amps, TC = +125°C
iF = 6 Amps, TC = +25°C
iF = 6 Amps, TC = +125°C
VF
0.6
0.45
0.7
0.625
Volts
Maximum Instantaneous Reverse Current (2)
(Rated dc Voltage, TC = +25°C)
(Rated dc Voltage, TC = +125°C)
iR
0.2
20
mA
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
TYPICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
Figure 3. Average Power Dissipation
0.7
1.0
0.1
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
10
VR, REVERSE VOLTAGE (VOLTS)
40
70
0
20
0.1
0.04
0.001
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
1.0
0
10
8.0
6.0
4.0
2.0
0
2.0
1.0
0.4
0.2
0.3
0.5
0.6
0.8
0.9
50
60
10
20
30
10
40
100
3.0
4.0
5.0
6.0
7.0
10
0.1
1.1
8.0
9.0
9.0
7.0
5.0
3.0
1.0
0.2
0.4
1.0
0.02
0.01
0.004
0.002
TJ = 25°C
150
°C
125
°C
75
°C
TJ = 150°C
IPK/IAV = 20
SINE
WAVE
SQUARE
WAVE
dc
10
5
TJ = 150°C
*The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these curves if VR is sufficient below rated VR.
125
°C
4.0
2.0
100
°C
75
°C
25
°C


Similar Part No. - MBRD350

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD350 ONSEMI-MBRD350 Datasheet
64Kb / 6P
   SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 4
logo
Sangdest Microelectroni...
MBRD350 SMC-MBRD350 Datasheet
196Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBRD350 SMCDIODE-MBRD350 Datasheet
318Kb / 4P
   MBRD350/MBRD360 SCHOTTKY RECTIFIER
Rev. A
logo
ON Semiconductor
MBRD350G ONSEMI-MBRD350G Datasheet
140Kb / 6P
   SWITCHMODE Power Rectifiers
January, 2012 ??Rev. 8
MBRD350G ONSEMI-MBRD350G Datasheet
140Kb / 6P
   SWITCHMODE Power Rectifiers
January, 2012 ??Rev. 8
More results

Similar Description - MBRD350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRD620CT MOTOROLA-MBRD620CT Datasheet
96Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
MBRD835L MOTOROLA-MBRD835L Datasheet
127Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
logo
ON Semiconductor
MURD530 ONSEMI-MURD530 Datasheet
107Kb / 5P
   SWITCHMODE Power Rectifier DPAK Surface Mount Package
November, 2008 ??Rev. 1
SURD8320T4G ONSEMI-SURD8320T4G Datasheet
136Kb / 4P
   SWITCHMODE Power Rectifier DPAK Surface Mount Package
January, 2012 ??Rev. 7
logo
Motorola, Inc
MBRF1545CT MOTOROLA-MBRF1545CT Datasheet
78Kb / 4P
   SWITCHMODE??Schottky Power Rectifirers
MBRF1045 MOTOROLA-MBRF1045 Datasheet
102Kb / 6P
   SWITCHMODE??Schottky Power Rectifirers
MBRF20100CT MOTOROLA-MBRF20100CT Datasheet
83Kb / 4P
   SWITCHMODE??Schottky Power Rectifirers
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com