Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7VQ58MMNG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB7VQ58MMNG
Description  1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7VQ58MMNG Datasheet(HTML) 6 Page - ON Semiconductor

  NB7VQ58MMNG Datasheet HTML 1Page - ON Semiconductor NB7VQ58MMNG Datasheet HTML 2Page - ON Semiconductor NB7VQ58MMNG Datasheet HTML 3Page - ON Semiconductor NB7VQ58MMNG Datasheet HTML 4Page - ON Semiconductor NB7VQ58MMNG Datasheet HTML 5Page - ON Semiconductor NB7VQ58MMNG Datasheet HTML 6Page - ON Semiconductor NB7VQ58MMNG Datasheet HTML 7Page - ON Semiconductor NB7VQ58MMNG Datasheet HTML 8Page - ON Semiconductor NB7VQ58MMNG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NB7VQ58M
http://onsemi.com
6
Figure 5. Input Structure
50 W
50 W
VCC
INn
INn
I
VTn
IN
Vth
IN
Vth
Figure 6. Differential Input Driven
Single−Ended
VIH
VIL
VIHmax
VILmax
VIH
Vth
VIL
VIHmin
VILmin
VCC
Vthmax
Vthmin
GND
Vth
Figure 7. Differential Inputs Driven
Differentially
IN
IN
Figure 8. Vth Diagram
VILDmax
VIHDmax
VIHDtyp
VILDtyp
VIHDmin
VILDmin
VCMR
GND
VID = VIHD − VILD
VCC
IN
IN
Q
Q
tPLH
tPHL
VOUTPP = VOH(Q) − VOL(Q)
VINPP = VIH(IN) − VIL(IN)
Figure 9. VID − Differential Inputs Driven
Differentially
Figure 10. VCMR Diagram
Figure 11. AC Reference Measurement
VIHD
VILD
VID = |VIHD(IN) − VILD(IN)|
IN
IN
VCMRmax
VCMRmin
IN
IN


Similar Part No. - NB7VQ58MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7VQ572M ONSEMI-NB7VQ572M Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB7VQ572MMNG ONSEMI-NB7VQ572MMNG Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB7VQ572MMNR4G ONSEMI-NB7VQ572MMNR4G Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
More results

Similar Description - NB7VQ58MMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7V72M ONSEMI-NB7V72M Datasheet
161Kb / 8P
   1.8V / 2.5V Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
October, 2009 ??Rev. 1
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB7VQ572M ONSEMI-NB7VQ572M Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7V585M ONSEMI-NB7V585M Datasheet
156Kb / 8P
   1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1
NB7V58M ONSEMI-NB7V58M Datasheet
164Kb / 8P
   1.8 V / 2.5 V / 3.3 V Differential 2:1 Clock / Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB6L295M ONSEMI-NB6L295M Datasheet
194Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
January, 2010 ??Rev. 4
NB6L295M ONSEMI-NB6L295M_12 Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
NB6L295MMNGEVB ONSEMI-NB6L295MMNGEVB Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com