Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9UG85143-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # L9UG85143-PF
Description  SUPER BRIGHT RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9UG85143-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  L9UG85143-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9UG85143-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9UG85143-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9UG85143-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9UG85143-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. L9UG85143-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Reference
Standard
MIL-STD-883:1008
JIS C 7021: B-10
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
JIS C 7021: B-12
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
Description
Test Condition
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Test Item
High Temperature
Storage Test
Operating Life Test
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
The purpose of this test is the resistance
of the device under tropical for hours.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
Low Temperature
Storage Test
High Temperature
High Humidity Test
Thermal Shock Test
Solder Resistance
Test
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
Reliability Test:
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
This test intended to see soldering well
performed or not.
Solderability Test
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
Page 5/5
PART NO. L9UG85143-PF


Similar Part No. - L9UG85143-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9UG11243-PF LIGITEK-L9UG11243-PF Datasheet
181Kb / 7P
   BIPOLAR TYPE LED LAMPS
L9UG13743-PF LIGITEK-L9UG13743-PF Datasheet
125Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG15243-PF LIGITEK-L9UG15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9UG2040 LIGITEK-L9UG2040 Datasheet
143Kb / 5P
   ROUND TYPE LED LAMPS
L9UG2040-PF LIGITEK-L9UG2040-PF Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - L9UG85143-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF25030 LIGITEK-L8SRF25030 Datasheet
97Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9SEF45840 LIGITEK-L9SEF45840 Datasheet
129Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LUY5730-PF LIGITEK-LUY5730-PF Datasheet
123Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L8SR5230 LIGITEK-L8SR5230 Datasheet
69Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9UG15243-PF LIGITEK-L9UG15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LVY5230 LIGITEK-LVY5230 Datasheet
66Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9SEF15243-PF LIGITEK-L9SEF15243-PF Datasheet
111Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSE5233 LIGITEK-LSE5233 Datasheet
69Kb / 5P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSR45840-PF LIGITEK-LSR45840-PF Datasheet
127Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
LSRF9UG85093-PF LIGITEK-LSRF9UG85093-PF Datasheet
370Kb / 7P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
L9UG5730 LIGITEK-L9UG5730 Datasheet
126Kb / 6P
   SUPER BRIGHT RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com