Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP693HMN25TCG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP693HMN25TCG
Description  1A CMOS Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP693HMN25TCG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP693HMN25TCG Datasheet HTML 2Page - ON Semiconductor NCP693HMN25TCG Datasheet HTML 3Page - ON Semiconductor NCP693HMN25TCG Datasheet HTML 4Page - ON Semiconductor NCP693HMN25TCG Datasheet HTML 5Page - ON Semiconductor NCP693HMN25TCG Datasheet HTML 6Page - ON Semiconductor NCP693HMN25TCG Datasheet HTML 7Page - ON Semiconductor NCP693HMN25TCG Datasheet HTML 8Page - ON Semiconductor NCP693HMN25TCG Datasheet HTML 9Page - ON Semiconductor NCP693HMN25TCG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP693
http://onsemi.com
6
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
01
23
45
67
INPUT VOLTAGE (V)
Figure 9. Supply Current vs. Input Voltage
NCP693xMN25TCG
Iout = 0 A
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
012345
67
INPUT VOLTAGE (V)
Figure 10. Supply Current vs. Input Voltage
NCP693xMN33TCG
Iout = 0 V
0.792
0.794
0.796
0.798
0.800
0.802
0.804
−40.0
−20.0
0.0
20.0
40.0
60.0
80.0
TEMPERATURE (°C)
Figure 11. Output Voltage vs. Temperature
NCP693xMN08TCG
Vout = 0.8 V
1.185
1.190
1.195
1.200
1.205
1.210
1.215
−40
−20
0
2040
6080
Vout = 1.2 V
TEMPERATURE (°C)
Figure 12. Output Voltage vs. Temperature
NCP693xMN12TCG
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
2.520
−40
−20
0
20406080
TEMPERATURE (°C)
Figure 13. Output Voltage vs. Temperature
NCP693xMN25TCG
3.270
3.280
3.290
3.300
3.310
−40
−20
0
20
406080
TEMPERATURE (°C)
Figure 14. Output Voltage vs. Temperature
NCP693xMN33TCG
Vout = 3.3 V
Vout = 2.5 V


Similar Part No. - NCP693HMN25TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690 ONSEMI-NCP690 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP690 ONSEMI-NCP690 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP690MN15T2G ONSEMI-NCP690MN15T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP690MN15T2G ONSEMI-NCP690MN15T2G Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP690MN18T2G ONSEMI-NCP690MN18T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
More results

Similar Description - NCP693HMN25TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694 ONSEMI-NCP694_11 Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
NCP694 ONSEMI-NCP694 Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
logo
Analog Microelectronics
AME8827 AME-AME8827 Datasheet
161Kb / 16P
   Low Dropout 1A CMOS Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Unisonic Technologies
L11810 UTC-L11810_10 Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810_12 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
150Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com