Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1587ADR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1587ADR2G
Description  Low Voltage Synchronous Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1587ADR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1587ADR2G Datasheet HTML 1Page - ON Semiconductor NCP1587ADR2G Datasheet HTML 2Page - ON Semiconductor NCP1587ADR2G Datasheet HTML 3Page - ON Semiconductor NCP1587ADR2G Datasheet HTML 4Page - ON Semiconductor NCP1587ADR2G Datasheet HTML 5Page - ON Semiconductor NCP1587ADR2G Datasheet HTML 6Page - ON Semiconductor NCP1587ADR2G Datasheet HTML 7Page - ON Semiconductor NCP1587ADR2G Datasheet HTML 8Page - ON Semiconductor NCP1587ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP1587, NCP1587A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (0_C < TA < 70_C; 4.5 V < VCC < 13.2 V, 4.5 V < [BST−PHASE] < 13.2 V, 4.5 V < BST < 30 V,
0 V < PHASE < 21 V, CTG = CBG = 1.0 nF, for min/max values unless otherwise noted.)
Characteristic
Conditions
Min
Typ
Max
Unit
Input Voltage Range
4.5
13.2
V
Boost Voltage Range
4.5
26.5
V
Supply Current
Quiescent Supply Current
VFB = 1.0 V, No Switching, VCC = 13.2 V
1.0
8.0
mA
Boost Quiescent Current
VFB = 1.0 V, No Switching, VCC = 13.2 V
0.1
1.0
mA
Under Voltage Lockout
UVLO Threshold
VCC Rising Edge
3.8
4.2
V
UVLO Hysteresis
350
mV
Switching Regulator
VFB Feedback Voltage,
Control Loop in Regulation
TA = 0 to 70°C
792
800
808
mV
Oscillator Frequency
NCP1587
NCP1587A
TA = 0 to 70°C
250
180
275
200
300
220
kHz
Ramp−Amplitude Voltage
0.8
1.1
1.4
V
Minimum Duty Cycle
0
%
Maximum Duty Cycle
70
75
80
%
Error Amplifier (GM)
Transconductance
3.0
4.4
mmho
Open Loop DC Gain
55
70
DB
Output Source Current
Output Sink Current
VFB < 0.8 V
VFB > 0.8 V
80
80
120
120
mA
Input Bias Current
0.1
1.0
mA
Soft−Start
SS Source Current
VFB < 0.8 V
11
mA
Switch Over Threshold
VFB = 0.8 V
100
% of Vref
Gate Drivers
Upper Gate Source
VCC = 12 V, VTG = VBG = 2.0 V
1.0
A
Upper Gate Sink
1.0
A
Lower Gate Source
1.0
A
Lower Gate Sink
2.0
A
TG Falling to BG Rising Delay
VCC = 12 V, TG < 2.0 V, BG > 2.0 V
40
90
ns
BG Falling to TG Rising Delay
VCC = 12 V, BG < 2.0 V, TG > 2.0 V
35
90
ns
Enable Threshold
0.3
0.4
0.5
V
Over−Current Protection
OCSET Current Source
Sourced from BG pin, before SS
10
mA
OC Switch−Over Threshold
700
mV
Fixed OC Threshold
−375
mV


Similar Part No. - NCP1587ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1587ADR2G ONSEMI-NCP1587ADR2G Datasheet
413Kb / 16P
   Low Voltage Synchronous Buck Controller
May, 2012 ??Rev. 5
More results

Similar Description - NCP1587ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com