Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTCN143V3-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CTCN143V3-G
Description  300W Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CTCN143V3-G Datasheet(HTML) 3 Page - Comchip Technology

  CTCN143V3-G Datasheet HTML 1Page - Comchip Technology CTCN143V3-G Datasheet HTML 2Page - Comchip Technology CTCN143V3-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
REV:B
Comchip Technology CO., LTD.
SMD Diodes Specialist
COMCHIP
QW-BTV12
300W Transient Voltage Suppressor
Package Information:
Dimensions in ( mm )
a
L
W
H
p
w
c
W
L
e
p
SOT-23
d
e
W
L
p
SOT23-6
d
Package
Code
N08
N14
S03
S06
Package
Power
0.4W
0.6W
0.225W
0.225W
Number of
Pins
8
14
3
6
L ± 0.2
4.83
8.66
2.92
2.92
W ± 0.2
5.99
5.99
2.30
2.80
w ± 0.2
3.81
3.81
0.95
1.20
p ± 0.2
1.60
1.60
1.91
1.91
e ± 0.1
1.27
1.27
0.95
0.95
A ± 0.1
0.41
0.41
0.53
0.53
d ± 0.1
0.66
0.66
0.43
0.43
H ± 0.2
0.95
0.95
0.95
0.95


Similar Part No. - CTCN143V3-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CTCN1436V-G COMCHIP-CTCN1436V-G Datasheet
147Kb / 3P
   300 Watt Transient Voltage Suppressor
More results

Similar Description - CTCN143V3-G

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMC05 JUXING-SMC05 Datasheet
932Kb / 3P
   Surface Mount Transient Voltage Suppressor Power 300W
logo
SeCoS Halbleitertechnol...
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
   300W Transient Voltage Suppressors Diode
SD24 SECOS-SD24 Datasheet
316Kb / 2P
   300W Transient Voltage Suppressors Diode
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
   300W Transient Voltage Suppressors Diode
SCT316LD SECOS-SCT316LD Datasheet
175Kb / 3P
   300W Transient Voltage Supperssors Array
SD03 SECOS-SD03 Datasheet
332Kb / 3P
   300W Transient Voltage Suppressors Diode
SD05 SECOS-SD05 Datasheet
152Kb / 3P
   300W Transient Voltage Suppressors Diode
logo
FutureWafer Tech Co.,Lt...
SMF FUTUREWAFER-SMF Datasheet
1Mb / 12P
   300W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com