Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1589AMNTXG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1589AMNTXG
Description  Low Voltage Synchronous Buck Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1589AMNTXG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1589AMNTXG Datasheet HTML 1Page - ON Semiconductor NCP1589AMNTXG Datasheet HTML 2Page - ON Semiconductor NCP1589AMNTXG Datasheet HTML 3Page - ON Semiconductor NCP1589AMNTXG Datasheet HTML 4Page - ON Semiconductor NCP1589AMNTXG Datasheet HTML 5Page - ON Semiconductor NCP1589AMNTXG Datasheet HTML 6Page - ON Semiconductor NCP1589AMNTXG Datasheet HTML 7Page - ON Semiconductor NCP1589AMNTXG Datasheet HTML 8Page - ON Semiconductor NCP1589AMNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCP1589A, NCP1589B
http://onsemi.com
2
Figure 1. Typical Application Diagram
BOOT
UG
LX
VCC
GND
FB
VOS
LG
PGOOD
VIN = 2.5 V − 13.2 V
VCC = 4.5 V − 13.2 V
0.1mF
4.7nF
2x1800mF
1mH
1500mF
R4
3.878kW
C3
0.014mF
R3
74.2W
R1
4.12kW
C2
0.007mF
R2
17.08kW
C1
0.0015mF
1mF
COMP/EN
2x0.22mF
VBST = 4.5 V − 15 V
GND
VOUT
1.65 V
R9
R10
Figure 2. Detailed Block Diagram
POR
UVLO
PWM
OUT
LATCH
7
BOOT
UG
LX
LG
GND
CLOCK
RAMP
OSC
OSC
FB
VOCP
FAULT
FAULT
FAULT
SOFT
START
VOS
PGOOD
MONITOR
OV and UV
PGOOD
0.8 V
(Vref)
0.8 V
(Vref)
COMP/EN
+
+
Q
R
S
8
9
10
+
+
VCC
2 V
VCC
±10% of Vref
±25% of Vref
6
1
3
2
4
5
+


Similar Part No. - NCP1589AMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1589AMNTXG ONSEMI-NCP1589AMNTXG Datasheet
94Kb / 10P
   Low Voltage Synchronous Buck Controller
December, 2015 ??Rev. 1
NCP1589AMNTXG ONSEMI-NCP1589AMNTXG Datasheet
93Kb / 10P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
More results

Similar Description - NCP1589AMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com