Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3020B Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP3020B
Description  Synchronous PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3020B Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP3020B Datasheet HTML 2Page - ON Semiconductor NCP3020B Datasheet HTML 3Page - ON Semiconductor NCP3020B Datasheet HTML 4Page - ON Semiconductor NCP3020B Datasheet HTML 5Page - ON Semiconductor NCP3020B Datasheet HTML 6Page - ON Semiconductor NCP3020B Datasheet HTML 7Page - ON Semiconductor NCP3020B Datasheet HTML 8Page - ON Semiconductor NCP3020B Datasheet HTML 9Page - ON Semiconductor NCP3020B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
NCP3020A, NCP3020B
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Efficiency vs. Output Current and Input
Voltage
Figure 4. Load Regulation vs. Input Voltage
Figure 5. Switching Waveforms (VIN = 9 V)
Figure 6. Switching Waveforms (VIN = 18 V)
Figure 7. Feedback Reference Voltage vs. Input
Voltage and Temperature
Figure 8. Switching Frequency vs. Input Voltage
and Temperature
Iout (A)
10
6
4
2
0
60
65
70
75
80
85
90
95
8
Iout (A)
10
6
4
2
0
3.25
3.255
3.26
3.265
3.27
3.275
3.28
8
TEMPERATURE (°C)
125
110
50
5
−40
594
596
598
600
602
604
606
VCC = 12 V, 28 V
−25 −10
20
35
65
80
95
TEMPERATURE (°C)
125
110
50
5
−40
260
270
280
290
300
310
320
VCC = 12 V, 28 V
−25 −10
20
35
65
80
95
330
340
VCC = 5 V
18 V
15 V
12 V
9 V
18 V
15 V
12 V
9 V
VCC = 5 V
Typical Application Circuit
Figure 37
Typical Application Circuit
Figure 37
NCP3020A
Input = 9 V, Output = 3.3 V, Load = 10 A
C4 (Green) = VIN, C2 (Red) = VOUT
C1 (Yellow) = VSW, C3 (Blue) = HSDR
Input = 18 V, Output = 3.3 V, Load = 10 A
C4 (Green) = VIN, C2 (Red) = VOUT
C1 (Yellow) = VSW, C3 (Blue) = HSDR


Similar Part No. - NCP3020B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3020B ONSEMI-NCP3020B Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020B ONSEMI-NCP3020B Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3020B ONSEMI-NCP3020B Datasheet
910Kb / 25P
   Synchronous Buck Controller, 28 V
December, 2018 - Rev. 7
NCP3020BDR2G ONSEMI-NCP3020BDR2G Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020BDR2G ONSEMI-NCP3020BDR2G Datasheet
910Kb / 25P
   Synchronous Buck Controller, 28 V
December, 2018 - Rev. 7
More results

Similar Description - NCP3020B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com