Selected language     English  ▼


L-00501DBK-S Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part No. L-00501DBK-S
Description  LED BACK LIGHT (4 Inch)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

   
 4 page
background image
Spectral Line Half Width
Dominant Wavelength
IF=50mA
VR=5V
IF=50mA
IF=50mA
IF=50mA
IF=50mA
Unit
V
nm
nm
cd/
Emitting Color : Blue
%
μA
Test Conditon
Typ.
4.0
-
-
3.5
30
470
12
-
Min.
-
-
-
7.0
-
-
70
-
-
10
Symbol
VF
IR
ΔEH
△λ
λD
IV
Luminous Uniformity
Reverse current
Forward Voltage
Luminance (Brightness)
Parameter
Max.
Electrical/Optical Characteristics(Ta=25)
3/4
Page
100
0.4
W
mA
UNIT
Symbol
IF
PD
Parameter
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Ratings
Absolute Maximum Ratings at Ta=25
Forward Current
Power Dissipation
PART NO.
Topr
Tstg
-20 ~ +70
-30 ~ +80
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminance (brightness) data did not including
±15% testing tolerance.
Storage Temperature
Operating Temperature
V
5
VR
Reverse Voltage
L-00501DBK-S




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl