Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-00501DBK-S Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # L-00501DBK-S
Description  LED BACK LIGHT (4 Inch)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L-00501DBK-S Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  L-00501DBK-S Datasheet HTML 1Page - LIGITEK electronics co., ltd. L-00501DBK-S Datasheet HTML 2Page - LIGITEK electronics co., ltd. L-00501DBK-S Datasheet HTML 3Page - LIGITEK electronics co., ltd. L-00501DBK-S Datasheet HTML 4Page - LIGITEK electronics co., ltd. L-00501DBK-S Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Test Point
1.Measurement Equipment : " Topcon"BM-7
2.The distance of measurement between test equipment and
the objection : 50cm
P3
P2
P1
L/6
2L/6
2L/6
L/6
View Area (L)
View
area
(W)
W/2
W/2
Measurement Method
P(MAX)
P(MAX)-P(MIN)
100%
3.
EH
%=[ 1 -
] x
2/4
PART NO.
Internal Circuit Diagram
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page
L-00501DBK-S
5
2
1
4
3
6


Similar Part No. - L-00501DBK-S

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L-00501DBK-S-LF LIGITEK-L-00501DBK-S-LF Datasheet
104Kb / 5P
   LED BACK LIGHT (4 Inch)
More results

Similar Description - L-00501DBK-S

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L-00501HRF-S LIGITEK-L-00501HRF-S Datasheet
104Kb / 5P
   LED BACK LIGHT (4 Inch)
L-00501VY-S LIGITEK-L-00501VY-S Datasheet
103Kb / 5P
   LED BACK LIGHT (4 Inch)
L-00501DBK-S-LF LIGITEK-L-00501DBK-S-LF Datasheet
104Kb / 5P
   LED BACK LIGHT (4 Inch)
logo
Sanyo Semicon Device
PCP1208 SANYO-PCP1208 Datasheet
390Kb / 4P
   LED Back Light
logo
Microsemi Corporation
LX1996 MICROSEMI-LX1996 Datasheet
1,018Kb / 22P
   Multi-string LED Back-light Controller
logo
LIGITEK electronics co....
L-02402G-B6.4 LIGITEK-L-02402G-B6.4 Datasheet
60Kb / 1P
   BACK LIGHT
L-02401G-B5 LIGITEK-L-02401G-B5 Datasheet
226Kb / 1P
   BACK LIGHT
logo
Hantronix,Inc
HDM32GS12L-4 HANTRONIX-HDM32GS12L-4 Datasheet
31Kb / 1P
   128 X 32 Dots Graphic, LED Back Light
logo
Sanyo Semicon Device
AML2002 SANYO-AML2002 Datasheet
364Kb / 4P
   NPN Epitaxial Planar Silicon Transistor LED Back Light
logo
Microsemi Corporation
LX23108A MICROSEMI-LX23108A Datasheet
79Kb / 2P
   8 Ports LED Back Light High Voltage Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com