Selected language     English  ▼


L-00501HRF-S Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part No. L-00501HRF-S
Description  LED BACK LIGHT (4 Inch)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

   
 4 page
background image
L-00501HRF-S
Reverse Voltage
VR
5
V
Operating Temperature
Storage Temperature
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminance (brightness) data did not including
±15% testing tolerance.
-30 ~ +80
-20 ~ +70
Tstg
Topr
PART NO.
Power Dissipation
Forward Current
Absolute Maximum Ratings at Ta=25
Ratings
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Parameter
PD
IF
Symbol
UNIT
mA
W
0.21
90
Page 3/4
Electrical/Optical Characteristics(Ta=25)
Max.
Parameter
Luminance (Brightness)
Forward Voltage
Reverse current
Luminous Uniformity
IV
λD
△λ
ΔEH
IR
VF
Symbol
10
--
70
--
7.0
-
-
1.5
Min.
-
12
630
20
-
-
-
2.4
Typ.
Test Conditon
μA
%
Emitting Color : Red
cd/
nm
nm
V
Unit
IF=50mA
IF=50mA
IF=50mA
IF=50mA
VR=5V
IF=50mA
Dominant Wavelength
Spectral Line Half Width




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl