Selected language     English  â–¼


L-00501HRF-S Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part No. L-00501HRF-S
Description  LED BACK LIGHT (4 Inch)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LIGITEK [LIGITEK electronics co., ltd.]
Homepage  http://www.ligitek.com
Logo 

   
 3 page
background image
6
3
4
12
5
L-00501HRF-S
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Internal Circuit Diagram
PART NO.
2/4
3.
EH
â–³
%=[ 1 -
] x 100%
P(MAX)-P(MIN)
P(MAX)
Measurement Method
W/2
W/2
View
area
(W)
View Area (L)
L/6
2L/6
2L/6
L/6
P1
P2
P3
2.The distance of measurement between test equipment and
the objection : 50cm
1.Measurement Equipment : " Topcon"BM-7
Test Point




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl