Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5386AMNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5386AMNR2G
Description  1/2 Phase Controller for CPU and Chipset Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5386AMNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5386AMNR2G Datasheet HTML 1Page - ON Semiconductor NCP5386AMNR2G Datasheet HTML 2Page - ON Semiconductor NCP5386AMNR2G Datasheet HTML 3Page - ON Semiconductor NCP5386AMNR2G Datasheet HTML 4Page - ON Semiconductor NCP5386AMNR2G Datasheet HTML 5Page - ON Semiconductor NCP5386AMNR2G Datasheet HTML 6Page - ON Semiconductor NCP5386AMNR2G Datasheet HTML 7Page - ON Semiconductor NCP5386AMNR2G Datasheet HTML 8Page - ON Semiconductor NCP5386AMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
© Semiconductor Components Industries, LLC, 2008
May, 2008 − Rev. 1
1
Publication Order Number:
NCP5386/D
NCP5386, NCP5386A,
NCP5386B
1/2 Phase Controller for
CPU and Chipset
Applications
The NCP5386 is a one− or two−phase buck controller which
combines differential voltage and current sensing, and adaptive
voltage positioning to power both AMD and Intel processors and
chipsets. Dual−edge pulse−width modulation (PWM) combined with
inductor current sensing reduces system cost by providing the fastest
initial response to transient load events. Dual−edge multi−phase
modulation reduces total bulk and ceramic output capacitance
required to satisfy transient load−line regulation.
A high performance operational error amplifier is provided, which
allows easy compensation of the system. The proprietary method of
Dynamic Reference Injection (Patented) makes the error amplifier
compensation virtually independent of the system response to VID
changes, eliminating tradeoffs between overshoot and dynamic VID
performance.
Features
Meets Intel’s VR 10.0 and 11.0, and AMD Specifications
No load Intel VR Offset of −19 mV (NCP5386), +20 mV
(NCP5386A), and 0 mV (NCP5386B)
Dual−Edge PWM for Fastest Initial Response to Transient Loading
High Performance Operational Error Amplifier
Supports both VR11 and Legacy Soft−Start Modes
Dynamic Reference Injection (Patent# 7057381)
DAC Range from 0.5 V to 1.6 V
"0.5% System Voltage Accuracy from 1.0 V to 1.6 V
True Differential Remote Voltage Sensing Amplifier
Phase−to−Phase Current Balancing
“Lossless” Differential Inductor Current Sensing
Differential Current Sense Amplifiers for each Phase
Adaptive Voltage Positioning (AVP)
Frequency Range: 100 kHz – 1.0 MHz
OVP with Resettable, 8 Event Delayed Latch
Threshold Sensitive Enable Pin for VTT Sensing
Power Good Output with Internal Delays
Programmable Soft−Start Time
This is a Pb−Free Device*
Applications
Desktop Processors and Chipsets
Server Processors and Chipsets
DDR
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques Reference
Manual, SOLDERRM/D.
QFN32, 5 x 5*
MN SUFFIX
CASE 485AF
Device
Package
Shipping
ORDERING INFORMATION
NCP5386MNR2G*
QFN32
(Pb−Free)
2500 /
Tape & Reel
MARKING
DIAGRAMS
NCP5386 = Specific Device Code
x
= Blank, A or B
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
*Pin 33 is the thermal pad on the bottom of the device.
*Temperature Range: 0°C to 85°C
32
1
NCP5386x
AWLYYWWG
1
NCP5386AMNR2G*
QFN32
(Pb−Free)
2500 /
Tape & Reel
NCP5386BMNR2G*
QFN32
(Pb−Free)
2500 /
Tape & Reel


Similar Part No. - NCP5386AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380A ONSEMI-NCP5380A Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5386AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5387 ONSEMI-NCP5387 Datasheet
347Kb / 37P
   2/3/4 Phase Controller for CPU Applications
April, 2007 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
logo
Richtek Technology Corp...
RT8869A RICHTEK-RT8869A Datasheet
423Kb / 19P
   Advanced 2/1-Phase PWM Controller for CPU Core Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com