Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5392QMNR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5392QMNR2G
Description  2/3/4-Phase Controller for CPU Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5392QMNR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5392QMNR2G Datasheet HTML 1Page - ON Semiconductor NCP5392QMNR2G Datasheet HTML 2Page - ON Semiconductor NCP5392QMNR2G Datasheet HTML 3Page - ON Semiconductor NCP5392QMNR2G Datasheet HTML 4Page - ON Semiconductor NCP5392QMNR2G Datasheet HTML 5Page - ON Semiconductor NCP5392QMNR2G Datasheet HTML 6Page - ON Semiconductor NCP5392QMNR2G Datasheet HTML 7Page - ON Semiconductor NCP5392QMNR2G Datasheet HTML 8Page - ON Semiconductor NCP5392QMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
NCP5392Q
http://onsemi.com
4
12V_FILTER
12V_FILTER
NCP5359
VCC
OD
IN
BST
DRH
SW
DRL
PGND
12V_FILTER
12V_FILTER
NCP5359
VCC
OD
IN
BST
DRH
SW
DRL
PGND
12V_FILTER
12V_FILTER
NCP5359
VCC
OD
IN
BST
DRH
SW
DRL
PGND
12V_FILTER
12V_FILTER
NCP5359
VCC
OD
IN
BST
DRH
SW
DRL
PGND
IMON
PSI
PSI
IMON 12
37
35
34
12V_FILTER
+5V
VID0
VID1
VID2
VID3
VID4
VID5
VID6
VID7
VTT
2
3
4
5
6
7
8
9
1
39
14
13
15
16
17
18
19
20
36
EN
VR_RDY
VSN
VSP
DIFFOUT
COMP
VFB
VDRP
VDFB
CSSUM
DAC
41
11
10
RLIM1
RLIM2
RISO1
RISO2
RT2
CDFB
RNOR
R6
R6
RDNP
CH
RF
RFB1
RFB
CF
CFB1
RDRP
30
22
21
31
24
23
32
26
25
33
28
27
29
G1
CS1P
CS1N
G2
CS2P
CS2N
G3
CS3P
CS3N
G4
CS4P
CS4N
DRVON
VCCP
VSSN
Figure 3. Application Schematic for Four Phases
NCP5392Q
+
Q1
Q2
R2
RS1
CS1
C2
C4
C3
D1
C1
L1
APSI_EN
NC
APSI_EN
38
40
VTT
U2


Similar Part No. - NCP5392QMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392MNR2G ONSEMI-NCP5392MNR2G Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5392PMNR2G ONSEMI-NCP5392PMNR2G Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5392T ONSEMI-NCP5392T Datasheet
316Kb / 30P
   2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
June, 2009 ??Rev. 0
More results

Similar Description - NCP5392QMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5387 ONSEMI-NCP5387 Datasheet
347Kb / 37P
   2/3/4 Phase Controller for CPU Applications
April, 2007 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP5395T ONSEMI-NCP5395T Datasheet
287Kb / 25P
   2/3/4-Phase Controller with On Board Gate Drivers for CPU Applications
June, 2009 ??Rev. 0
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP5392T ONSEMI-NCP5392T Datasheet
316Kb / 30P
   2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
June, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com