Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CURM101-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CURM101-G
Description  SMD Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CURM101-G Datasheet(HTML) 1 Page - Comchip Technology

  CURM101-G Datasheet HTML 1Page - Comchip Technology CURM101-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 50 - 1000 Volts
Forward Current: 1.0 Amp
CURM101-G Thru CURM107-G
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.0 A
Reverse recovery time
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Typical. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
Io
VF
Trr
IR
R JA
T j
TSTG
Maximum Ratings and Electrical Characterics
QW-BU007
Note 1: Thermal resistance from junction to ambient.
CURM
101-G
CURM
102-G
50
50
35
600
600
420
100
100
70
30
1.0
1.3
- 5 5 t o + 1 5 0
42
5.0
150
- 5 5 t o + 1 5 0
CURM
107-G
CURM
106-G
CURM
105-G
CURM
104-G
CURM
103-G
800
800
560
400
400
280
SMD Ultra Fast Recovery Rectifier
200
200
140
1.0
1.7
1000
1000
700
75
50
V
°C
C
C
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Exceeds environmental standard MIL-S-
19500/228
Low leakage current
Mechanical data
Case: Mini SMA/SOD-123 molded plastic
Terminals: solderable per MIL-STD-
750, method 2026
Polarity: Color band denotes cathode
end
Mounting position: Any
Approx. Weight: 0.04 gram
SMD Diodes Specialist
SMD Diodes Specialist
Page 1
Rev. A
Dimensions in inches and (millimeter)
Mini SMA
0.154(3.9)
0.138(3.5)
0.012(0.3) Typ.
0.071(1.8)
0.055(1.4)
0.126(3.2)
0.110(2.8)
0.067(1.7)
0.051(1.3)
0.035(0.9) Typ.
0.035(0.9) Typ.
V
V
A
A
V
nS
uA
Unit
°C/W
°C


Similar Part No. - CURM101-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CURM101-G COMCHIP-CURM101-G Datasheet
99Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURM101-G COMCHIP-CURM101-G_12 Datasheet
99Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
More results

Similar Description - CURM101-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CURA151 COMCHIP-CURA151 Datasheet
67Kb / 2P
   SMD Ultra Fast Recovery Rectifier
CURC301 COMCHIP-CURC301 Datasheet
68Kb / 2P
   SMD Ultra Fast Recovery Rectifier
CURL101 COMCHIP-CURL101 Datasheet
75Kb / 2P
   SMD Ultra Fast Recovery Rectifier
CURB201 COMCHIP-CURB201 Datasheet
68Kb / 2P
   SMD Ultra Fast Recovery Rectifier
CURM101 COMCHIP-CURM101 Datasheet
66Kb / 2P
   SMD Ultra Fast Recovery Rectifier
CURA101 COMCHIP-CURA101 Datasheet
68Kb / 2P
   SMD Ultra Fast Recovery Rectifier
logo
Solid States Devices, I...
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
   Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
   Ultra Fast Recovery Rectifier
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com