Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDF05N50Z Datasheet(PDF) 1 Page - ON Semiconductor

Part # NDF05N50Z
Description  N-Channel Power MOSFET 500 V, 1.25 ?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF05N50Z Datasheet(HTML) 1 Page - ON Semiconductor

  NDF05N50Z Datasheet HTML 1Page - ON Semiconductor NDF05N50Z Datasheet HTML 2Page - ON Semiconductor NDF05N50Z Datasheet HTML 3Page - ON Semiconductor NDF05N50Z Datasheet HTML 4Page - ON Semiconductor NDF05N50Z Datasheet HTML 5Page - ON Semiconductor NDF05N50Z Datasheet HTML 6Page - ON Semiconductor NDF05N50Z Datasheet HTML 7Page - ON Semiconductor NDF05N50Z Datasheet HTML 8Page - ON Semiconductor NDF05N50Z Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 0
1
Publication Order Number:
NDF05N50Z/D
NDF05N50Z, NDP05N50Z,
NDD05N50Z
N-Channel Power MOSFET
500 V, 1.25 W
Features
Low ON Resistance
Low Gate Charge
100% Avalanche Tested
These Devices are Pb−Free and are RoHS Compliant
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
NDF
NDP NDD Unit
Drain−to−Source Voltage
VDSS
500
V
Continuous Drain Current RqJC
ID
5
(Note 1)
5
4.7
A
Continuous Drain Current
RqJC, TA = 100°C
ID
3.2
(Note 1)
3.2
3
A
Pulsed Drain Current, VGS @
10 V
IDM
20
(Note 1)
20
19
A
Power Dissipation RqJC
PD
28
96
83
W
Gate−to−Source Voltage
VGS
±30
V
Single Pulse Avalanche Energy,
ID = 5.0 A
EAS
130
mJ
ESD (HBM) (JESD22−A114)
Vesd
3000
V
RMS Isolation Voltage (t =
0.3 sec., R.H. ≤ 30%, TA =
25°C) (Figure 15)
VISO
4500
V
Peak Diode Recovery
dv/dt
4.5 (Note 2)
V/ns
Continuous Source Current
(Body Diode)
IS
5
A
Maximum Temperature for
Soldering Leads, 0.063″
(1.6 mm) from Case for 10 s
Package Body for 10 s
TL
TPKG
300
260
°C
Operating Junction and
Storage Temperature Range
TJ, Tstg
−55 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Limited by maximum junction temperature
2. IS = 4.4 A, di/dt ≤ 100 A/ms, VDD ≤ BVDSS, TJ = +150°C
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
MARKING AND ORDERING INFORMATION
VDSS
RDS(on) (TYP) @ 2.2 A
500 V
1.25 W
TO−220FP
CASE 221D
STYLE 1
TO−220AB
CASE 221A
STYLE 5
DPAK
CASE 369AA
STYLE 2
1 2
3
4
IPAK
CASE 369D
STYLE 2
1
2
3
4
1
2
3
1
2
3
N−Channel
G (1)
D (2)
S (3)


Similar Part No. - NDF05N50Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF05N50Z ONSEMI-NDF05N50Z Datasheet
149Kb / 10P
   N-Channel Power MOSFET
January, 2015 ??Rev. 8
logo
SHENZHEN DOINGTER SEMIC...
NDF05N50Z DOINGTER-NDF05N50Z Datasheet
979Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
NDF05N50Z ISC-NDF05N50Z Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDF05N50ZG ONSEMI-NDF05N50ZG Datasheet
144Kb / 12P
   N-Channel Power MOSFET 500 V, 1.5 Ohm
February, 2013 ??Rev. 6
NDF05N50ZG ONSEMI-NDF05N50ZG Datasheet
149Kb / 10P
   N-Channel Power MOSFET
January, 2015 ??Rev. 8
More results

Similar Description - NDF05N50Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCFA86361F ONSEMI-PCFA86361F Datasheet
217Kb / 7P
   MOSFET ??Power, N-Channel 80 V, 1.25 m
July, 2021 ??Rev. 2
NDF08N50ZH ONSEMI-NDF08N50ZH Datasheet
123Kb / 6P
   N-Channel Power MOSFET 500 V, 0.85
January, 2015 ??Rev. 6
NDP04N50Z ONSEMI-NDP04N50Z Datasheet
127Kb / 9P
   N-Channel Power MOSFET 500 V, 2.7 
July, 2010 - Rev. 0
NDF08N50Z ONSEMI-NDF08N50Z Datasheet
146Kb / 6P
   N-Channel Power MOSFET 500 V, 0.69 
April, 2010 ??Rev. 1
NDD03N50Z ONSEMI-NDD03N50Z Datasheet
124Kb / 8P
   N-Channel Power MOSFET 500 V, 3.3 
July, 2010 ??Rev. 0
NDF11N50Z ONSEMI-NDF11N50Z Datasheet
119Kb / 7P
   N-Channel Power MOSFET 500 V, 0.52 
July, 2010 ??Rev. 0
logo
Vishay Siliconix
SI2302ADS VISHAY-SI2302ADS Datasheet
56Kb / 4P
   N-Channel 1.25-W, 2.5-V MOSFET
Rev. D, 20-Sep-04
logo
ON Semiconductor
NDF05N50ZH ONSEMI-NDF05N50ZH Datasheet
144Kb / 12P
   N-Channel Power MOSFET 500 V, 1.5 Ohm
February, 2013 ??Rev. 6
NDF11N50ZH ONSEMI-NDF11N50ZH Datasheet
120Kb / 7P
   N-Channel Power MOSFET 500 V, 0.52 Ohm
February, 2013 ??Rev. 4
logo
VBsemi Electronics Co.,...
VBM15R13 VBSEMI-VBM15R13 Datasheet
686Kb / 9P
   N-Channel 500 V (D-S) Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com