Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDD05N50Z Datasheet(PDF) 9 Page - ON Semiconductor

Part # NDD05N50Z
Description  N-Channel Power MOSFET 500 V, 1.25 ?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD05N50Z Datasheet(HTML) 9 Page - ON Semiconductor

  NDD05N50Z Datasheet HTML 1Page - ON Semiconductor NDD05N50Z Datasheet HTML 2Page - ON Semiconductor NDD05N50Z Datasheet HTML 3Page - ON Semiconductor NDD05N50Z Datasheet HTML 4Page - ON Semiconductor NDD05N50Z Datasheet HTML 5Page - ON Semiconductor NDD05N50Z Datasheet HTML 6Page - ON Semiconductor NDD05N50Z Datasheet HTML 7Page - ON Semiconductor NDD05N50Z Datasheet HTML 8Page - ON Semiconductor NDD05N50Z Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NDF05N50Z, NDP05N50Z, NDD05N50Z
http://onsemi.com
9
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NDF05N50Z/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NDD05N50Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDD05N50Z ISC-NDD05N50Z Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
NDD05N50Z-1 ISC-NDD05N50Z-1 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDD05N50Z-1G ONSEMI-NDD05N50Z-1G Datasheet
149Kb / 10P
   N-Channel Power MOSFET
January, 2015 ??Rev. 8
NDD05N50ZT4G ONSEMI-NDD05N50ZT4G Datasheet
149Kb / 10P
   N-Channel Power MOSFET
January, 2015 ??Rev. 8
logo
SHENZHEN DOINGTER SEMIC...
NDD05N50ZT4G DOINGTER-NDD05N50ZT4G Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - NDD05N50Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCFA86361F ONSEMI-PCFA86361F Datasheet
217Kb / 7P
   MOSFET ??Power, N-Channel 80 V, 1.25 m
July, 2021 ??Rev. 2
NDF08N50ZH ONSEMI-NDF08N50ZH Datasheet
123Kb / 6P
   N-Channel Power MOSFET 500 V, 0.85
January, 2015 ??Rev. 6
NDP04N50Z ONSEMI-NDP04N50Z Datasheet
127Kb / 9P
   N-Channel Power MOSFET 500 V, 2.7 
July, 2010 - Rev. 0
NDF08N50Z ONSEMI-NDF08N50Z Datasheet
146Kb / 6P
   N-Channel Power MOSFET 500 V, 0.69 
April, 2010 ??Rev. 1
NDD03N50Z ONSEMI-NDD03N50Z Datasheet
124Kb / 8P
   N-Channel Power MOSFET 500 V, 3.3 
July, 2010 ??Rev. 0
NDF11N50Z ONSEMI-NDF11N50Z Datasheet
119Kb / 7P
   N-Channel Power MOSFET 500 V, 0.52 
July, 2010 ??Rev. 0
logo
Vishay Siliconix
SI2302ADS VISHAY-SI2302ADS Datasheet
56Kb / 4P
   N-Channel 1.25-W, 2.5-V MOSFET
Rev. D, 20-Sep-04
logo
ON Semiconductor
NDF05N50ZH ONSEMI-NDF05N50ZH Datasheet
144Kb / 12P
   N-Channel Power MOSFET 500 V, 1.5 Ohm
February, 2013 ??Rev. 6
NDF11N50ZH ONSEMI-NDF11N50ZH Datasheet
120Kb / 7P
   N-Channel Power MOSFET 500 V, 0.52 Ohm
February, 2013 ??Rev. 4
logo
VBsemi Electronics Co.,...
VBM15R13 VBSEMI-VBM15R13 Datasheet
686Kb / 9P
   N-Channel 500 V (D-S) Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com