Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSV1T244 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLSV1T244
Description  1-Bit Dual-Supply Non-Inverting Level Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV1T244 Datasheet(HTML) 1 Page - ON Semiconductor

  NLSV1T244 Datasheet HTML 1Page - ON Semiconductor NLSV1T244 Datasheet HTML 2Page - ON Semiconductor NLSV1T244 Datasheet HTML 3Page - ON Semiconductor NLSV1T244 Datasheet HTML 4Page - ON Semiconductor NLSV1T244 Datasheet HTML 5Page - ON Semiconductor NLSV1T244 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2007
November, 2007 - Rev. 1
1
Publication Order Number:
NLSV1T244/D
NLSV1T244
1-Bit Dual-Supply
Non-Inverting Level
Translator
The NLSV1T244 is a 1-bit configurable dual-supply voltage level
translator. The input An and output Bn ports are designed to track two
different power supply rails, VCCA and VCCB respectively. Both
supply rails are configurable from 0.9 V to 4.5 V allowing universal
low-voltage translation from the input An to the output Bn port.
Features
Wide VCCA and VCCB Operating Range: 0.9 V to 4.5 V
High-Speed w/ Balanced Propagation Delay
Inputs and Outputs have OVT Protection to 4.5 V
Non-preferential VCCA and VCCB Sequencing
Outputs at 3-State until Active VCC is Reached
Power-Off Protection
Outputs Switch to 3-State with VCCB at GND
Ultra-Small Packaging: 1.2 mm x 1.0 mm UDFN6
This is a Pb-Free Device
Typical Applications
Mobile Phones, PDAs, Other Portable Devices
Important Information
ESD Protection for All Pins:
HBM (Human Body Model) > 3000 V
Figure 1. Logic Diagram
VCCA
VCCB
B
OE
A
UDFN6
MU SUFFIX
CASE 517AA
MARKING
DIAGRAM
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NLSV1T244MUTBG
UDFN6
(Pb-Free)
3000/Tape & Reel
PIN ASSIGNMENT
(Top View)
VCCB
B
OE
VCCA
A
GND
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
6
5
4
1
2
3
Q
= Specific Device Code
M
= Date Code
G
= Pb-Free Package
QM
G
1


Similar Part No. - NLSV1T244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV1T244MUTBG ONSEMI-NLSV1T244MUTBG Datasheet
119Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV1T244 ONSEMI-NLSV1T244_12 Datasheet
119Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
More results

Similar Description - NLSV1T244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV1T34 ONSEMI-NLSV1T34_V01 Datasheet
203Kb / 10P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2019 - Rev. 10
NLSV1T34 ONSEMI-NLSV1T34_12 Datasheet
133Kb / 9P
   1-Bit Dual-Supply Non-Inverting Level Translator
January, 2012 ??Rev. 8
NLSV1T244 ONSEMI-NLSV1T244_12 Datasheet
119Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV1T34 ONSEMI-NLSV1T34 Datasheet
158Kb / 9P
   1-Bit Dual-Supply Non-Inverting Level Translator
April, 2010 ??Rev. 5
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
NLSV1T240 ONSEMI-NLSV1T240_12 Datasheet
119Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 4
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com