Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLU1G00MUTCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLU1G00MUTCG
Description  Single 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1G00MUTCG Datasheet(HTML) 7 Page - ON Semiconductor

  NLU1G00MUTCG Datasheet HTML 1Page - ON Semiconductor NLU1G00MUTCG Datasheet HTML 2Page - ON Semiconductor NLU1G00MUTCG Datasheet HTML 3Page - ON Semiconductor NLU1G00MUTCG Datasheet HTML 4Page - ON Semiconductor NLU1G00MUTCG Datasheet HTML 5Page - ON Semiconductor NLU1G00MUTCG Datasheet HTML 6Page - ON Semiconductor NLU1G00MUTCG Datasheet HTML 7Page - ON Semiconductor NLU1G00MUTCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NLU1G00
http://onsemi.com
7
PACKAGE DIMENSIONS
ULLGA6 1.2x1.0, 0.4P
CASE 613AE−01
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
4. A MAXIMUM OF 0.05 PULL BACK OF THE
PLATED TERMINAL FROM THE EDGE OF THE
PACKAGE IS ALLOWED.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
5X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
6X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L1
1
3
4
6
DIM MIN
MAX
MILLIMETERS
A
−−−
0.40
A1
0.00
0.05
b
0.15
0.25
D
1.20 BSC
E
1.00 BSC
e
0.40 BSC
L
0.25
0.35
L1
0.35
0.45
NOTE 4
SOLDERMASK DEFINED*
DIMENSIONS: MILLIMETERS
0.26
5X
0.49
6X
1.24
0.53
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.40
1
MOUNTING FOOTPRINT
PKG
OUTLINE


Similar Part No. - NLU1G00MUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G00MUTCG ONSEMI-NLU1G00MUTCG Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
More results

Similar Description - NLU1G00MUTCG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com